Electronic Components Datasheet Search
  English  ▼

X  

STM6905 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM6905
Description  Quintuple, ultralow voltage supervisor with push-button reset
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6905 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM6905 Datasheet HTML 4Page - STMicroelectronics STM6905 Datasheet HTML 5Page - STMicroelectronics STM6905 Datasheet HTML 6Page - STMicroelectronics STM6905 Datasheet HTML 7Page - STMicroelectronics STM6905 Datasheet HTML 8Page - STMicroelectronics STM6905 Datasheet HTML 9Page - STMicroelectronics STM6905 Datasheet HTML 10Page - STMicroelectronics STM6905 Datasheet HTML 11Page - STMicroelectronics STM6905 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Pin descriptions
STM6905
8/19
Figure 3.
Functional block diagram
1.
Internal pull-up on MR input of 10k ohm (typ).
Figure 4.
Typical hardware hookup application diagram
VREF = 0.6V
RST
COMPARE
COMPARE
COMPARE
trec
Generator
VCC
VRST1
MR
VCC
VREF = 0.6V
COMPARE
V4IN
V2IN
V3IN
VRST2
ai13970
VREF = 0.6V
COMPARE
V5IN
(1)
VCC
VIN2
VCC1
MR
0.1 F
STM6905
R1
From DC/DC Converter
R2
VCC2
VCC3
0.1 F
V
= (600mV)
(
R3 + R4
R4
)
Push-button
Switch
R3
R4
VSS
R5
R6
RST
RST (To Processor Reset)
VCC4
VCC5
VIN5
VIN4
VIN3
V
= (600mV)
(
R5 + R6
R6
)
V TRIP = (600mV)
(
R1 + R2
R2
)
ai13973
TRIP
TRIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com