Electronic Components Datasheet Search
  English  ▼

X  

STWD100PYW83E Datasheet(PDF) 19 Page - STMicroelectronics

Part # STWD100PYW83E
Description  Watchdog timer circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWD100PYW83E Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STWD100PYW83E Datasheet HTML 15Page - STMicroelectronics STWD100PYW83E Datasheet HTML 16Page - STMicroelectronics STWD100PYW83E Datasheet HTML 17Page - STMicroelectronics STWD100PYW83E Datasheet HTML 18Page - STMicroelectronics STWD100PYW83E Datasheet HTML 19Page - STMicroelectronics STWD100PYW83E Datasheet HTML 20Page - STMicroelectronics STWD100PYW83E Datasheet HTML 21Page - STMicroelectronics STWD100PYW83E Datasheet HTML 22Page - STMicroelectronics STWD100PYW83E Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
STWD100
Package mechanical data
19/25
Table 5.
SOT23-5 - 5-lead small outline transistor package mechanical data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
1.20
0.90
1.45
0.047
0.035
0.057
A1
0.15
0.006
A2
1.05
0.90
1.30
0.041
0.035
0.051
B
0.40
0.35
0.50
0.016
0.014
0.020
C
0.15
0.09
0.20
0.006
0.004
0.008
D
2.90
2.80
3.00
0.114
0.110
0.118
D1
1.90
0.075
E
2.80
2.60
3.00
0.110
0.102
0.118
e
0.95
0.037
F
1.60
1.50
1.75
0.063
0.059
0.069
K
0°
10°
0°
10°
L
0.35
0.10
0.60
0.014
0.004
0.024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com