Electronic Components Datasheet Search
  English  ▼

X  

TSM1051CLT Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSM1051CLT
Description  Constant voltage and constant current controller for battery chargers and adaptors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM1051CLT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSM1051CLT Datasheet HTML 2Page - STMicroelectronics TSM1051CLT Datasheet HTML 3Page - STMicroelectronics TSM1051CLT Datasheet HTML 4Page - STMicroelectronics TSM1051CLT Datasheet HTML 5Page - STMicroelectronics TSM1051CLT Datasheet HTML 6Page - STMicroelectronics TSM1051CLT Datasheet HTML 7Page - STMicroelectronics TSM1051CLT Datasheet HTML 8Page - STMicroelectronics TSM1051CLT Datasheet HTML 9Page - STMicroelectronics TSM1051CLT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Schematics
TSM1051
6/15
3
Schematics
3.1
Internal schematic
Figure 2.
Block diagram
3.2
Typical application circuit
Figure 3.
Typical adaptor or battery charger application using the device
In the above application schematic, the device is used on the secondary side of a flyback
adaptor (or battery charger) to provide an accurate control of voltage and current. The
above feedback loop is made with an optocoupler.
Vctrl
GND
Vsense
Ictrl
OUT
Vcc
1.210 V
200 mV
+
-
+
-
+
1
2
3
5
4
6
Vctrl
GND
Vsense
Ictrl
OUT
Vcc
1.210 V
200 mV
+
-
+
-
+
1
2
3
5
4
6
Rsense
Iout
Vout
Vctrl
GND
Vsense
Ictrl
OUT
Vcc
1.210 V
200 mV
+
-
+
-
+
1
2
3
5
4
6
R1
R2
TSM1051
Ric2
Ric1
Cic1
Cvc1
Rvc1
Rled
Rsense
Iout
Vout
Vctrl
GND
Vsense
Ictrl
OUT
Vcc
1.210 V
200 mV
+
-
+
-
+
1
2
3
5
4
6
R1
R2
TSM1051
Ric2
Ric1
Cic1
Cvc1
Rvc1
Rled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com