Electronic Components Datasheet Search
  English  ▼

X  

ZM2BB45FS Datasheet(PDF) 2 Page - SunLED Corporation

Part # ZM2BB45FS
Description  3.5x2.8 mm PLCC2 SMD LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZM2BB45FS Datasheet(HTML) 2 Page - SunLED Corporation

  ZM2BB45FS Datasheet HTML 1Page - SunLED Corporation ZM2BB45FS Datasheet HTML 2Page - SunLED Corporation ZM2BB45FS Datasheet HTML 3Page - SunLED Corporation ZM2BB45FS Datasheet HTML 4Page - SunLED Corporation ZM2BB45FS Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Published Date : FEB 28,2008
Drawing No : SDSA6370
V1
Checked : B.L.LIU
P.2/5
Part Number:
ZM2BB45FS
3.5x2.8 mm PLCC2 SMD LED
www.SunLED.com
Handling Precautions
Compare to epoxy encapsulant that is hard and brittle, silicone is softer and flexible. Although its characteristic
significantly reduces thermal stress, it is more susceptible to damage by external mechanical force.
As a result, special handling precautions need to be observed during assembly using silicone encapsulated
LED products. Failure to comply might leads to damage and premature failure of the LED.
1. Handle the component along the side surfaces by using forceps or appropriate tools.
2. Do not directly touch or handle the silicone lens surface. It may damage the internal circuitry.
3. Do not stack together assembled PCBs containing exposed LEDs. Outside impact may scratch the silicone lens or
damage the internal circuitry.
4. The outer diameter of the SMD pickup nozzle should not exceed the size of the LED to prevent air leaks. The inner diameter
of the nozzle should be as large as possible.
5. A pliable material is suggested for the nozzle tip to avoid scratching or damaging the LED surface during pickup.
6. The dimensions of the component must be accurately programmed in the pick-and-place machine to insure precise pickup
and avoid damage during production.



Html Pages

1 2 3 4 5