Electronic Components Datasheet Search
  English  ▼

X  

74VHC138 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VHC138
Description  3 TO 8 LINE DECODER (INVERTING)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC138 Datasheet(HTML) 1 Page - STMicroelectronics

  74VHC138 Datasheet HTML 1Page - STMicroelectronics 74VHC138 Datasheet HTML 2Page - STMicroelectronics 74VHC138 Datasheet HTML 3Page - STMicroelectronics 74VHC138 Datasheet HTML 4Page - STMicroelectronics 74VHC138 Datasheet HTML 5Page - STMicroelectronics 74VHC138 Datasheet HTML 6Page - STMicroelectronics 74VHC138 Datasheet HTML 7Page - STMicroelectronics 74VHC138 Datasheet HTML 8Page - STMicroelectronics 74VHC138 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
November 2004
s
HIGH SPEED: tPD = 5.7ns (TYP.) at VCC = 5V
s
LOW POWER DISSIPATION:
ICC = 4 µA (MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28% VCC (MIN.)
s
POWER DOWN PROTECTION ON INPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 8 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 138
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74VHC138 is an advanced high-speed
CMOS 3 TO 8 LINE DECODER (INVERTING)
fabricated
with
sub-micron silicon gate and
double-layer metal wiring C2MOS technology.
If the device is enabled, 3 binary select (A, B, and
C) determine which one of the outputs will go low.
If enable input G1 is held low or either G2A or G2B
is held high, the decoding function is inhibited and
all the 8 outputs go to high.
Tree enable inputs are provided to ease cascade
connection and application of address decoders
for memory systems.
Power down protection is provided on all inputs
and 0 to 7V can be accepted on inputs with no
regard to the supply voltage. This device can be
used to interface 5V to 3V.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74VHC138
3 TO 8 LINE DECODER (INVERTING)
Figure 1: Pin Connection And IEC Logic Symbols
Table 1: Order Codes
PACKAGE
T & R
SOP
74VHC138MTR
TSSOP
74VHC138TTR
TSSOP
SOP
Rev. 4


Similar Part No. - 74VHC138

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74VHC138 MOTOROLA-74VHC138 Datasheet
164Kb / 7P
3-to-8 Line Decoder
logo
STMicroelectronics
74VHC138 STMICROELECTRONICS-74VHC138 Datasheet
65Kb / 8P
3 TO 8 LINE DECODER INVERTING
Jun-1999
logo
Fairchild Semiconductor
74VHC138 FAIRCHILD-74VHC138 Datasheet
65Kb / 7P
3-to-8 Decoder/Demultiplexer
logo
ON Semiconductor
74VHC138 ONSEMI-74VHC138 Datasheet
170Kb / 9P
3-to-8 Decoder/Demultiplexer
Revised April 1999
logo
Toshiba Semiconductor
74VHC138FT TOSHIBA-74VHC138FT Datasheet
208Kb / 9P
3-to-8 Line Decoder
2016-08-18
More results

Similar Description - 74VHC138

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC138 STMICROELECTRONICS-74AC138 Datasheet
275Kb / 10P
3 TO 8 LINE DECODER INVERTING
Apr-2001
74ACT138 STMICROELECTRONICS-74ACT138 Datasheet
79Kb / 8P
3 TO 8 LINE DECODER INVERTING
Apr-2001
74VHC138 STMICROELECTRONICS-74VHC138 Datasheet
65Kb / 8P
3 TO 8 LINE DECODER INVERTING
Jun-1999
M54HCT138 STMICROELECTRONICS-M54HCT138 Datasheet
242Kb / 10P
3 TO 8 LINE DECODER INVERTING
Feb-1993
M74HCT138 STMICROELECTRONICS-M74HCT138 Datasheet
286Kb / 9P
3 TO 8 LINE DECODER (INVERTING)
Aug-2001
74AC138M STMICROELECTRONICS-74AC138M Datasheet
286Kb / 10P
3 TO 8 LINE DECODER (INVERTING)
Apr-2001
74ACT138 STMICROELECTRONICS-74ACT138 Datasheet
286Kb / 10P
3 TO 8 LINE DECODER (INVERTING)
April 2001
M74HC138 STMICROELECTRONICS-M74HC138 Datasheet
283Kb / 10P
3 TO 8 LINE DECODER (INVERTING)
Jul-2001
74LVQ138 STMICROELECTRONICS-74LVQ138_04 Datasheet
321Kb / 12P
3 TO 8 LINE DECODER (INVERTING)
29-Jul-2004
74VHCT138A STMICROELECTRONICS-74VHCT138A_04 Datasheet
304Kb / 12P
3 TO 8 LINE DECODER (INVERTING)
16-Dec-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com