Electronic Components Datasheet Search
  English  ▼

X  

74VHC574MTR Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74VHC574MTR
Description  OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC574MTR Datasheet(HTML) 2 Page - STMicroelectronics

  74VHC574MTR Datasheet HTML 1Page - STMicroelectronics 74VHC574MTR Datasheet HTML 2Page - STMicroelectronics 74VHC574MTR Datasheet HTML 3Page - STMicroelectronics 74VHC574MTR Datasheet HTML 4Page - STMicroelectronics 74VHC574MTR Datasheet HTML 5Page - STMicroelectronics 74VHC574MTR Datasheet HTML 6Page - STMicroelectronics 74VHC574MTR Datasheet HTML 7Page - STMicroelectronics 74VHC574MTR Datasheet HTML 8Page - STMicroelectronics 74VHC574MTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
74VHC574
2/14
Figure 2: Input Equivalent Circuit
Table 2: Pin Description
Table 3: Truth Table
X : Don’t Care
Z : High Impedance
Figure 3: Logic Diagram
This logic diagram has not be used to estimate propagation delays
PIN N°
SYMBOL
NAME AND FUNCTION
1OE
3-State Output Enable
Input (Active LOW)
2, 3, 4, 5, 6,
7, 8, 9
D0 to D7
Data Inputs
12, 13, 14,
15, 16, 17,
18, 19
Q0 to Q7
3-State Outputs
11
CK
Clock Input (LOW-to-HIGH
Edge Triggered)
10
GND
Ground (0V)
20
VCC
Positive Supply Voltage
INPUTS
OUTPUT
OE
CK
D
Q
HX
X
Z
L
X
NO CHANGE
LL
L
LH
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com