Electronic Components Datasheet Search
  English  ▼

X  

STP10NK70Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP10NK70Z
Description  N-CHANNEL 700V - 0.75ohm - 8.6A TO-220/TO-220FP Zener-Protected SuperMESH™ Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP10NK70Z Datasheet(HTML) 1 Page - STMicroelectronics

  STP10NK70Z Datasheet HTML 1Page - STMicroelectronics STP10NK70Z Datasheet HTML 2Page - STMicroelectronics STP10NK70Z Datasheet HTML 3Page - STMicroelectronics STP10NK70Z Datasheet HTML 4Page - STMicroelectronics STP10NK70Z Datasheet HTML 5Page - STMicroelectronics STP10NK70Z Datasheet HTML 6Page - STMicroelectronics STP10NK70Z Datasheet HTML 7Page - STMicroelectronics STP10NK70Z Datasheet HTML 8Page - STMicroelectronics STP10NK70Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
October 2002
STP10NK70Z
STP10NK70ZFP
N-CHANNEL 700V - 0.75
Ω - 8.6A TO-220/TO-220FP
Zener-Protected SuperMESH™Power MOSFET
s
TYPICAL RDS(on) = 0.75 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
IMPROVED ESD CAPABILITY
s
100% AVALANCHE RATED
s
GATE CHARGE MINIMIZED
s
VERY LOW INTRINSIC CAPACITANCES
s
VERY GOOD MANUFACTURING
REPEATIBILITY
DESCRIPTION
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established strip-
based PowerMESH™ layout. In addition to pushing
on-resistance significantly down, special care is tak-
en to ensure a very good dv/dt capability for the
most demanding applications. Such series comple-
ments ST full range of high voltage MOSFETs in-
cluding revolutionary MDmesh™ products.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
IDEAL FOR OFF-LINE POWER SUPPLIES,
ADAPTORS AND PFC
ORDERING INFORMATION
TYPE
VDSS
RDS(on)
ID
Pw
STP10NK70Z
STP10NK70ZFP
700 V
700 V
< 0.85
Ω
< 0.85
Ω
8.6 A
8.6 A
150 W
35 W
SALES TYPE
MARKING
PACKAGE
PACKAGING
STP10NK70Z
P10NK70Z
TO-220
TUBE
STP10NK70ZFP
P10NK70ZFP
TO-220FP
TUBE
TO-220
TO-220FP
1
2
3
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STP10NK70Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP10NK70Z STMICROELECTRONICS-STP10NK70Z Datasheet
279Kb / 13P
N-CHANNEL 700V - 0.75Ω - 8.6A - TO220-TO220FP Zener-Protected SuperMESH??MOSFET
22-Aug-2005
logo
Inchange Semiconductor ...
STP10NK70Z ISC-STP10NK70Z Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP10NK70ZFP STMICROELECTRONICS-STP10NK70ZFP Datasheet
279Kb / 13P
N-CHANNEL 700V - 0.75Ω - 8.6A - TO220-TO220FP Zener-Protected SuperMESH??MOSFET
22-Aug-2005
logo
Inchange Semiconductor ...
STP10NK70ZFP ISC-STP10NK70ZFP Datasheet
297Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP10NK70ZFP STMICROELECTRONICS-STP10NK70ZFP_07 Datasheet
279Kb / 13P
N-CHANNEL 700V - 0.75Ω - 8.6A - TO220-TO220FP Zener-Protected SuperMESH??MOSFET
22-Aug-2005
More results

Similar Description - STP10NK70Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP9NK50Z STMICROELECTRONICS-STP9NK50Z Datasheet
572Kb / 12P
N-CHANNEL 500V - 0.72ohm - 7.2A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH™ Power MOSFET
June 2002
STP7NK30Z STMICROELECTRONICS-STP7NK30Z Datasheet
266Kb / 10P
N-CHANNEL 300V-0.80ohm-5A TO-220/TO-220FP Zener-Protected SuperMESH Power MOSFET
Mar-2004
STP6NK70Z STMICROELECTRONICS-STP6NK70Z Datasheet
337Kb / 12P
N-CHANNEL 700V - 1.5ohm - 5A TO-220/TO-220FP Zener-Protected SuperMESH MOSFET
06-Sep-2005
STP9NK80Z STMICROELECTRONICS-STP9NK80Z Datasheet
336Kb / 11P
N-CHANNEL 800V -0.9ohm - 7.5A TO-220/TO-220FP Zener-Protected SuperMESH MOSFET
18-May-2005
STP8NK85Z STMICROELECTRONICS-STP8NK85Z Datasheet
346Kb / 15P
N-CHANNEL 850V -1.1ohm - 6.7A TO-220/TO-220FP Zener-Protected SuperMESH MOSFET
20-Sep-2006
STP10NK50Z STMICROELECTRONICS-STP10NK50Z Datasheet
505Kb / 12P
N-CHANNEL 500V - 0.55??- 9A TO-220 / TO-220FP Zener-Protected SuperMESH MOSFET
08-Sep-2005
STP5NK80Z STMICROELECTRONICS-STP5NK80Z Datasheet
353Kb / 15P
N-channel 800V - 1.9廓 - 4.3A - TO-220/TO-220FP Zener-protected SuperMESH??Power MOSFET
16-Aug-2006
STP10NK70ZFP STMICROELECTRONICS-STP10NK70ZFP_07 Datasheet
279Kb / 13P
N-CHANNEL 700V - 0.75Ω - 8.6A - TO220-TO220FP Zener-Protected SuperMESH??MOSFET
22-Aug-2005
STP3HNK90Z STMICROELECTRONICS-STP3HNK90Z Datasheet
366Kb / 15P
N-channel 900V - 0.35Ω - 3A - TO-220 - TO-220FP Zener-protected SuperMESH??Power MOSFET
10-Aug-2006
STF6NK70Z STMICROELECTRONICS-STF6NK70Z_06 Datasheet
427Kb / 16P
N-channel 700V - 1.5Ω - 5A - TO-220/TO-220FP Zener-protected SuperMESH??Power MOSFET
16-Aug-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com