Electronic Components Datasheet Search
  English  ▼

X  

AIS326DQ Datasheet(PDF) 29 Page - STMicroelectronics

Part # AIS326DQ
Description  MEMS inertial sensor 3-axis, low g accelerometer with digital output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS326DQ Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AIS326DQ Datasheet HTML 25Page - STMicroelectronics AIS326DQ Datasheet HTML 26Page - STMicroelectronics AIS326DQ Datasheet HTML 27Page - STMicroelectronics AIS326DQ Datasheet HTML 28Page - STMicroelectronics AIS326DQ Datasheet HTML 29Page - STMicroelectronics AIS326DQ Datasheet HTML 30Page - STMicroelectronics AIS326DQ Datasheet HTML 31Page - STMicroelectronics AIS326DQ Datasheet HTML 32Page - STMicroelectronics AIS326DQ Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
AIS326DQ
Register description
29/49
7.10
CTRL_REG3 (22h)
FDS bit enables (FDS=1) or bypass (FDS=0) the high pass filter in the signal chain of the
sensor.
CFS1, CFS0 bits defines the coefficient Hpc to be used to calculate the -3dB cut-off
frequency of the high pass filter:
7.11
HP_FILTER_RESET (23h)
Dummy register. Reading at this address zeroes instantaneously the content of the internal
high pass-filter. Read data is not significant.
7.12
STATUS_REG (27h)
Table 27.
CTRL_REG3 register
ECK
HPDD
HPFF
FDS
res
res
CFS1
CFS0
Table 28.
CTRL_REG3 register description
ECK
External Clock. Default value: 0
(0: clock from internal oscillator; 1: clock from external pad)
HPDD
High Pass filter enabled for Direction Detection. Default value: 0
(0: filter bypassed; 1: filter enabled)
HPFF
High Pass filter enabled for Free-Fall and Wake-Up. Default value: 0
(0: filter bypassed; 1: filter enabled)
FDS
Filtered Data Selection. Default value: 0
(0: internal filter bypassed; 1: data from internal filter)
CFS1, CFS0
High-pass filter Cut-off Frequency Selection. Default value: 00
(00: Hpc=512
01: Hpc=1024
10: Hpc=2048
11: Hpc=4096)
f
cutoff
0.318
Hpc
---------------
ODRx
2
-----------------
⋅
=
Table 29.
STATUS_REG register
ZYXOR
ZOR
YOR
XOR
ZYXDA
ZDA
YDA
XDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com