Electronic Components Datasheet Search
  English  ▼

X  

BTW67 Datasheet(PDF) 5 Page - STMicroelectronics

Part # BTW67
Description  50A SCRS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTW67 Datasheet(HTML) 5 Page - STMicroelectronics

  BTW67_06 Datasheet HTML 1Page - STMicroelectronics BTW67_06 Datasheet HTML 2Page - STMicroelectronics BTW67_06 Datasheet HTML 3Page - STMicroelectronics BTW67_06 Datasheet HTML 4Page - STMicroelectronics BTW67_06 Datasheet HTML 5Page - STMicroelectronics BTW67_06 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BTW67 and BTW69 Series
5/6
Figure 10: TOP3 Insulated Package Mechanical Data
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. These
packages have a Lead-free second level interconnect . The category of second level interconnect is
marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The
maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an
ST trademark. ECOPACK specifications are available at: www.st.com.
R
H
K
G
F
E
D
B
A
C
JJ
P
ØL
Table 7: Ordering Information
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
BTW67-xxx
BTW67xxx
RD91
20 g
25
Bulk
BTW69-xxxRG
BTW69xxx
TOP3 Ins.
4.5 g
30
Tube
Note: xxx = voltage
Table 8: Revision History
Date
Revision
Description of Changes
Apr-2001
4A
Last update.
13-Feb-2006
5
TOP3 Insulated delivery mode changed from bulk to tube.
ECOPACK statement added.
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.4
4.6
0.173
0.181
B
1.45
1.55
0.057
0.061
C
14.35
15.60 0.565
0.614
D
0.5
0.7
0.020
0.028
E
2.7
2.9
0.106
0.114
F
15.8
16.5
0.622
0.650
G
20.4
21.1
0.815
0.831
H
15.1
15.5
0.594
0.610
J
5.4
5.65
0.213
0.222
K
3.4
3.65
0.134
0.144
ØL
4.08
4.17
0.161
0.164
P
1.20
1.40
0.047
0.055
R
4.60
0.181



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com