Electronic Components Datasheet Search
  English  ▼

X  

DSL01-010SC5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # DSL01-010SC5
Description  Secondary protection for DSL lines
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSL01-010SC5 Datasheet(HTML) 1 Page - STMicroelectronics

  DSL01-010SC5 Datasheet HTML 1Page - STMicroelectronics DSL01-010SC5 Datasheet HTML 2Page - STMicroelectronics DSL01-010SC5 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
April 2008
Rev 2
1/3
3
DSL01-xxxSC5
Secondary protection for DSL lines
Features
■ Low capacitance devices:
–Delta Ctyp = 3.5 pF
for 8 V, 10 V, 16 V, and 24 V
■ High surge capability: 30 A - 8/20 µs
■ Voltage: 8 V, 10 V, 16 V, and 24 V
■ RoHS package
Benefits
■ Transil mode will clamp ESD and low energy
surges without disturbing line drivers during
transmission while high energy surges will be
short circuited to avoid line driver damage.
■ The low capacitance makes it suitable for
ADSL2+ and VDSL signals
Complies with the following standards
■ IEC 61000-4-2, Level 4:
– 15 kV (air discharge)
– 8 kV (contact discharge)
■ MIL STD 883G-Method 3015-7: Class 3
– 25 kV (human body model)
■ IEC 61000-4-5, Level 2:
– 24 A, 8/20 µs
Applications
■ Secondary protection to be located after the
transformer of ADSL and VDSL modem either
on central office or subscriber side.
■ Replaces crowbar protection located on
primary side.
Figure 1.
Application diagram
Description
This device combines a Transil™ used for low
energy surges and a Trisil™ for high energy
surges. This combination provides a surge /
capacitance trade-off compatible with high debit
rates such as ADSL2+ and VDSL. The
combination on the same die makes it compatible
with SOT23-5L package.
TM: Transil and Trisil are trademarks of
STMicroelectronics
1
2
3
4
5
SOT23-5L (SC-59)
Tip
Ring
DSL01
TCP1.25A
Line drivers
Line Drivers
www.st.com


Similar Part No. - DSL01-010SC5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DSL02 STMICROELECTRONICS-DSL02 Datasheet
176Kb / 8P
Low capacitance TVS for high speed lines such as xDSL
03-Feb-2015
DSL02-005SC5 STMICROELECTRONICS-DSL02-005SC5 Datasheet
176Kb / 8P
Low capacitance TVS for high speed lines such as xDSL
03-Feb-2015
DSL02-008SC5 STMICROELECTRONICS-DSL02-008SC5 Datasheet
176Kb / 8P
Low capacitance TVS for high speed lines such as xDSL
03-Feb-2015
DSL02-010SC5 STMICROELECTRONICS-DSL02-010SC5 Datasheet
176Kb / 8P
Low capacitance TVS for high speed lines such as xDSL
03-Feb-2015
DSL03 STMICROELECTRONICS-DSL03 Datasheet
193Kb / 7P
Low capacitance TVS for high speed lines such as xDSL
03-Feb-2015
More results

Similar Description - DSL01-010SC5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ETP01-162RL STMICROELECTRONICS-ETP01-162RL Datasheet
108Kb / 7P
Protection for Ethernet lines
04-Mar-2008
logo
NXP Semiconductors
PESD1USB3SZ NXP-PESD1USB3SZ Datasheet
1Mb / 19P
ESD protection for differential data lines
Rev. 3-26 April 2016
logo
STMicroelectronics
DDSL01 STMICROELECTRONICS-DDSL01 Datasheet
64Kb / 6P
Secondary protection for DSL lines
15-Apr-2010
DSL05 STMICROELECTRONICS-DSL05 Datasheet
590Kb / 10P
Secondary protection for VDSL2 and G.FAST lines
03-Oct-2016
logo
Nexperia B.V. All right...
PESDXUSB3S NEXPERIA-PESDXUSB3S Datasheet
1,002Kb / 16P
ESD protection for differential data lines
logo
Neotec Semiconductor Lt...
NT1732A NEOTEC-NT1732A Datasheet
393Kb / 4P
Battery Protection IC for Multi-Cell (Secondary Protection)
V2.11
NT1732B NEOTEC-NT1732B Datasheet
395Kb / 4P
Battery Protection IC for Multi-Cell (Secondary Protection)
V1.02
NT1742 NEOTEC-NT1742 Datasheet
384Kb / 4P
Battery Protection IC for Multi-Cell (Secondary Protection)
V2.30
NT1793 NEOTEC-NT1793 Datasheet
251Kb / 4P
Battery Protection IC for Multi-Cell (Secondary Protection)
V1.93
logo
Nexperia B.V. All right...
PESD48VV2BT NEXPERIA-PESD48VV2BT Datasheet
212Kb / 11P
ESD protection for 48V lines
2 May 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com