Electronic Components Datasheet Search
  English  ▼

X  

ESDALC6V1-1M2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDALC6V1-1M2
Description  Single line low capacitance Transil for ESD protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1-1M2 Datasheet(HTML) 2 Page - STMicroelectronics

  ESDALC6V1-1M2 Datasheet HTML 1Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 7Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 8Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
ESDALC6V1-1M2
2/10
1
Characteristics
Table 1.
Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
ESD discharge - IEC 61000-4-2 contact discharge
±30
kV
PPP
Peak pulse power dissipation (8/20 µs) (1)
Tj initial = Tamb
50
W
IPP
Repetitive peak pulse current (8/20 µs)
6
A
Tj
Junction temperature
125
°C
Tstg
Storage temperature
- 55 to +150
°C
TL
Maximum lead temperature for soldering during 10 s at 5 mm for case
260
°C
TOP
Operating temperature range
- 40 to + 125
°C
1.
For a surge greater than the maximum values, the diode will fail in short-circuit
Table 2.
Electrical characteristics
Symbol
Parameter
VRM
Stand-of voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current @ VRM
IPP
Peak pulse current
αT
Voltage temperature coefficient
VF
Forward voltage drop
Order code
VBR @ IR
IRM @ VRM
RD
VF @ 10 mA
αTC @ 0 V
Vmin Vmax
mA
nA max
V
Ω typ
V max
10-4/°C max
pF typ
ESDALC6V1-1M2
6.1
7.2
1
100
3
0.5
1
4.5
22
VV
V
I RM
I R
I PP
V
I
I F
V
V
Slope= 1/ Rd
V
V
CL
V
BR
RM
V
F
Figure 2.
Peak power dissipation versus
initial junction temperature
Figure 3.
Peak pulse power versus
exponential pulse duration
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0
25
50
75
100
125
150
P
PP[T j initial] / PPP [T j initial=25°C]
Tj(°C)
10
100
1000
1
10
100
PPP(W)
tP(µs)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com