Electronic Components Datasheet Search
  English  ▼

X  

ESDALC6V1M6 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDALC6V1M6
Description  4- and 5-line low capacitance Transil arrays for ESD protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1M6 Datasheet(HTML) 2 Page - STMicroelectronics

  ESDALC6V1M6_08 Datasheet HTML 1Page - STMicroelectronics ESDALC6V1M6_08 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1M6_08 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1M6_08 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1M6_08 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1M6_08 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1M6_08 Datasheet HTML 7Page - STMicroelectronics ESDALC6V1M6_08 Datasheet HTML 8Page - STMicroelectronics ESDALC6V1M6_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Characteristics
ESDALC6V1M6, ESDALC6V1-5M6
2/11
1
Characteristics
Table 1.
Absolute maximum ratings (Tamb = 25° C)
Symbol
Parameter
Value
Unit
VPP
ESD IEC 61000-4-2, air discharge
ESD IEC 61000-4-2, contact discharge
MIL STD 883G- Method 3015-7: class3B, (human body model)
±15
±8
25
kV
PPP
Peak pulse power dissipation (8/20 µs)(1)
1.
For a surge greater than the maximum values, the diode will fail in short-circuit.
Tj initial = Tamb
30
W
Ipp
Repetitive peak pulse current typical value (8/20 µs)
3
A
Tj
Junction temperature
125
° C
Tstg
Storage temperature range
-55 + 150
° C
TL
Maximum lead temperature for soldering during 10 s
260
° C
TOP
Operating temperature range
-40 + 125
° C
Table 2.
Electrical characteristics (Tamb = 25° C)
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current @ VRM
IPP
Peak pulse current
αT
Voltage temperature coefficient
VF
Forward voltage drop
Symbol
Test Condition
Min
Typ
Max
Unit
VBR
IR = 1 mA
6.1
7.2
V
IRM
VRM = 3 V
70
nA
VF
IF = 10 mA
1
V
Rd
23
Ω
αT(1)
1.
ΔVBR = αT * (Tamb - 25° C) * VBR (25° C)
IR = 1 mA,
5
10-4/° C
CVR =0 V DC, F = 1 MHz, Vosc = 30 mVRMS
12
15
pF
VV
V
I RM
I R
I PP
V
I
I F
V
V
Slope= 1/ Rd
V
V
CL
V
BR
RM
V
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com