Electronic Components Datasheet Search
  English  ▼

X  

EMIF01-1003M3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # EMIF01-1003M3
Description  1 line IPAD, EMI filter and ESD protection in Micro QFN package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF01-1003M3 Datasheet(HTML) 2 Page - STMicroelectronics

  EMIF01-1003M3 Datasheet HTML 1Page - STMicroelectronics EMIF01-1003M3 Datasheet HTML 2Page - STMicroelectronics EMIF01-1003M3 Datasheet HTML 3Page - STMicroelectronics EMIF01-1003M3 Datasheet HTML 4Page - STMicroelectronics EMIF01-1003M3 Datasheet HTML 5Page - STMicroelectronics EMIF01-1003M3 Datasheet HTML 6Page - STMicroelectronics EMIF01-1003M3 Datasheet HTML 7Page - STMicroelectronics EMIF01-1003M3 Datasheet HTML 8Page - STMicroelectronics EMIF01-1003M3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
EMIF01-1003M3
2/10
1
Characteristics
Table 1.
Absolute ratings (limiting values at Tamb = 25° C unless otherwise specified)
Symbol
Parameter
Value
Unit
VPP
ESD discharge IEC61000-4-2 air discharge on input and output pins
ESD discharge IEC61000-4-2 contact discharge on input and output pins
15
8
kV
Tj
Junction temperature
125
°C
Top
Operating temperature range
-40 to + 85
°C
Tstg
Storage temperature range
-55 to +150
°C
Table 2.
Electrical characteristics (Tamb = 25° C)
Symbol
Parameter
VBR
Breakdown voltage
IRM
Leakage current @ VRM
VRM
Stand-off voltage
VCL
Clamping voltage
Rd
Dynamic resistance
IPP
Peak pulse current
RI/O
Series resistance between Input & Output
Cline
Input capacitance per line
Symbol
Test conditions
Min.
Typ.
Max.
Unit
VBR
IR = 1 mA
5
6.5
8
V
IRM
VRM = 3 V per line
100
nA
RI/O
Tolerance ± 10%
100
Ω
Cline
VR= 0 VDC, VOSC = 30 mV, F = 1 MHz
30
39
pF
S21
F = 900 MHz
-25
dB
VBR
IPP
VRM
VF
IF
I
IRM
IR
V
VCL



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com