Electronic Components Datasheet Search
  English  ▼

X  

ESDALC6V1M3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDALC6V1M3
Description  Dual low capacitance Transil array for ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1M3 Datasheet(HTML) 3 Page - STMicroelectronics

  ESDALC6V1M3_08 Datasheet HTML 1Page - STMicroelectronics ESDALC6V1M3_08 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1M3_08 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1M3_08 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1M3_08 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1M3_08 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1M3_08 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ESDALC6V1W5
1 Characteristics
3/7
Figure 1.
Peak power dissipation versus
initial junction temperature
Figure 2.
Peak pulse power versus
exponential pulse duration
(Tj initial = 25°C)
Figure 3.
Clamping voltage versus peak pulse
current (Tj initial = 25°C, rectangular
waveform, tp = 2.5 µs)
Figure 4.
Capacitance versus reverse applied
voltage (typical values)
Figure 5.
Relative variation of leakage current
versus junction temperature
(typical values)
Figure 6.
Peak forward voltage drop versus
peak forward current (typical
values)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0
25
50
75
100
125
150
175
Tj(°C)
Ppp[Tj initial] / Ppp [Tj initial = 25°C]
10
100
1
10
100
tp(µs)
Tj initial = 25°C
Ppp(W)
0.1
1.0
10.0
100.0
0
1020
3040
5060
Vcl(V)
tp=2.5µs
Tj initial =25°C
Ipp(A)
C(pF)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
F=1MHz
Vosc=30mV
RMS
Tj=25°C
VR(V)
IR [Tj] / IR [Tj=25°C]
1
10
100
25
50
75
100
125
150
Tj(°C)
1.E-03
1.E-02
1.E-01
1.E+00
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
IFM (A)
V(V)
FM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com