Electronic Components Datasheet Search
  English  ▼

X  

ESDALC6V1W5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDALC6V1W5
Description  Quad TRANSIL array for data protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1W5 Datasheet(HTML) 1 Page - STMicroelectronics

  ESDALC6V1W5 Datasheet HTML 1Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev 5
January 2006
1/7
7
ESDALC6V1W5
Quad TRANSIL™ array for data protection
Main applications
Where transient overvoltage protection in ESD
sensitive equipment is required, such as :
■ Computers
■ Printers
■ Communication systems
■ Cellular phones and accessories
■ Wireline and wireless telephone sets
■ Set top boxes
Features
■ 4 Unidirectional Transil functions
■ Breakdown voltage:
VBR = 6.1 V minimum
■ Low leakage current: < 1 µA
■ Low capacitance: 7.5 pF at 3 V
■ Very small PCB area < 4.2 mm2 typically
Description
The ESDALCxxxWx are monolithic suppressors
designed to protect components connected to
data and transmission lines against ESD.
These devices clamp the voltage just above the
logic level supply for positive transients, and to a
diode drop below ground for negative transients.
Benefits
■ High ESD protection level: up to 25 kV
■ High integration
Order codes
ESDALC6V1W5 Functional diagram
Complies with the following standards
IEC61000-4-2
MIL STD 883E - Method 3015-7 Class 3
TM: TRANSIL is a trademark of STMicroelectronics
Part Number
Marking
ESDALC6V1W5
C61
Level 4
15 kV (air discharge)
8 kV(contact discharge)
25 kV HBM (Human Body Model)
SOT323-5L
I/01
I/02
GND
I/04
I/03
www.st.com


Similar Part No. - ESDALC6V1W5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALC6V1W5 STMICROELECTRONICS-ESDALC6V1W5 Datasheet
145Kb / 9P
QUAD TRANSIL??ARRAY FOR ESD PROTECTION
Jun-2002
logo
Shanghai Leiditech Elec...
ESDALC6V1W5 LEIDITECH-ESDALC6V1W5 Datasheet
820Kb / 4P
Low Capacitance Q uad Array for ESD Protection
Rev : 01.06.2018
More results

Similar Description - ESDALC6V1W5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA6V1P6 STMICROELECTRONICS-ESDA6V1P6 Datasheet
210Kb / 8P
QUAD TRANSIL™ ARRAY FOR ESD PROTECTION
Jan-2003
ESDAXXSCX STMICROELECTRONICS-ESDAXXSCX Datasheet
86Kb / 10P
QUAD TRANSIL??ARRAY FOR ESD PROTECTION
04-Nov-2004
ESDAXXXWX STMICROELECTRONICS-ESDAXXXWX Datasheet
109Kb / 11P
TRANSIL??array for data protection
29-Aug-2005
ESDA5V3SC5 STMICROELECTRONICS-ESDA5V3SC5_07 Datasheet
153Kb / 11P
Quad Transil array for ESD protection
22-Nov-2007
logo
Leshan Radio Company
LESDA6V1W6T1G LRC-LESDA6V1W6T1G Datasheet
344Kb / 4P
Transil array for data protection
logo
STMicroelectronics
SOT323-3L STMICROELECTRONICS-SOT323-3L Datasheet
110Kb / 11P
TRANSIL array for data protection
29-Aug-2005
logo
Bruckewell Technology L...
ESDA6V1W6 BWTECH-ESDA6V1W6 Datasheet
426Kb / 4P
Transil array for data protection
ESDA6V1W5 BWTECH-ESDA6V1W5 Datasheet
505Kb / 4P
Transil array for data protection
logo
First Silicon Co., Ltd
ESDA6V1W6 FS-ESDA6V1W6 Datasheet
236Kb / 4P
Transil array for data protection
logo
AiT Semiconductor Inc.
ESDA6V1W6 AITSEMI-ESDA6V1W6 Datasheet
553Kb / 8P
TRANSIL ARRAY FOR DATA PROTECTION
REV1.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com