Electronic Components Datasheet Search
  English  ▼

X  

ESDAULC6-3BP6 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ESDAULC6-3BP6
Description  ESD protection for high speed interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAULC6-3BP6 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ESDAULC6-3BP6 Datasheet HTML 3Page - STMicroelectronics ESDAULC6-3BP6 Datasheet HTML 4Page - STMicroelectronics ESDAULC6-3BP6 Datasheet HTML 5Page - STMicroelectronics ESDAULC6-3BP6 Datasheet HTML 6Page - STMicroelectronics ESDAULC6-3BP6 Datasheet HTML 7Page - STMicroelectronics ESDAULC6-3BP6 Datasheet HTML 8Page - STMicroelectronics ESDAULC6-3BP6 Datasheet HTML 9Page - STMicroelectronics ESDAULC6-3BP6 Datasheet HTML 10Page - STMicroelectronics ESDAULC6-3BP6 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ESDAULC6-3BP6, ESDAULC6-3BF2
Package information
9/11
Figure 25.
Flip-Chip dimensions
Figure 28.
Flip-Chip tape and reel specifications
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 26.
Flip-Chip footprint
Figure 27.
Flip-Chip marking
1.1 mm ± 50 µm
315 µm ± 50
500 µm ± 50
650 µm ± 65
Copper pad Diameter:
220 µm recommended
Solder stencil opening:
330 µmrecommended
Solder mask opening recommendation:
300 µmrecommended
x
y
x
w
z
w
E
Dot, ST logo
xx = marking
yww = datecode
(y = year
ww = week)
z = manufacturing location
Dot identifying Pin A1 location
User direction of unreeling
All dimensions in mm
4 +/- 0.1
4 +/- 0.1
Ø 1.5 +/- 0.1
0.71 +/- 0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com