Electronic Components Datasheet Search
  English  ▼

X  

EMIF02-MIC03F2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF02-MIC03F2
Description  2 LINE EMI FILTER AND ESD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-MIC03F2 Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF02-MIC03F2 Datasheet HTML 1Page - STMicroelectronics EMIF02-MIC03F2 Datasheet HTML 2Page - STMicroelectronics EMIF02-MIC03F2 Datasheet HTML 3Page - STMicroelectronics EMIF02-MIC03F2 Datasheet HTML 4Page - STMicroelectronics EMIF02-MIC03F2 Datasheet HTML 5Page - STMicroelectronics EMIF02-MIC03F2 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
®
1/6
MAIN PRODUCT CHARACTERISTICS:
Where EMI filtering in ESD sensitive equipment is
required :
■ Mobile phones and communication systems
■ Computers, printers and MCU Boards
DESCRIPTION
The EMIF02-MIC03 is a highly integrated device
designed to suppress EMI/RFI noise in all systems
subjected to electromagnetic interferences. The
EMIF02 Flip-Chip packaging means the package
size is equal to the die size.
This filter includes an ESD protection circuitry
which prevents damage to the application when
subjected to ESD surges up 15 kV.
BENEFITS
■ EMI symmetrical (I/O) low-pass filter
■ High efficiency in EMI filtering
■ Very low PCB space consuming:
1.07 mm x 1.47 mm
■ Very thin package: 0.65 mm
■ High efficiency in ESD suppression
■ High reliability offered by monolithic integration
■ High reducing of parasitic elements through
integration & wafer level packaging
COMPLIES WITH THE FOLLOWING STANDARDS:
IEC 61000-4-2
Level 4 on input pins
15 kV (air discharge)
8 kV (contact discharge)
Level 1 on output pins 2 kV (air discharge)
2 kV (contact discharge)
MIL STD 883E - Method 3015-6 Class 3
EMIF02-MIC03F2
REV. 1
Flip-Chip package
October 2004
PIN CONFIGURATION (bump side)
B
1
32
C
A
I1
O1
GND
I2
O2
BASIC CELL CONFIGURATION
Input
Output
GND
GND
GND
Low-pass Filter
Ri/o = 68
Cline = 100 pF
Ω
2 LINE EMI FILTER
AND ESD PROTECTION
IPAD™
TM: IPAD is a trademark of STMicroelectronics.


Similar Part No. - EMIF02-MIC03F2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF02-MIC03F2 STMICROELECTRONICS-EMIF02-MIC03F2 Datasheet
73Kb / 7P
2 LINES EMI FILTER INCLUDING ESD PROTECTION
12-Oct-2004
More results

Similar Description - EMIF02-MIC03F2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GTF701-HS3 VISHAY-GTF701-HS3 Datasheet
70Kb / 5P
2-Line EMI-Filter with ESD -Protection
05-Jul-04
logo
STMicroelectronics
EMIF02-SPK01F2 STMICROELECTRONICS-EMIF02-SPK01F2 Datasheet
271Kb / 7P
2 LINE EMI FILTER AND ESD PROTECTION
14-Oct-2004
logo
ON Semiconductor
NUF2230XV6 ONSEMI-NUF2230XV6 Datasheet
50Kb / 4P
2 Line EMI Filter with ESD Protection
July, 2005 ??Rev.3
logo
STMicroelectronics
EMIF02-MIC03C2 STMICROELECTRONICS-EMIF02-MIC03C2 Datasheet
285Kb / 7P
2 line EMI filter and ESD protection
28-Nov-2006
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2_08 Datasheet
110Kb / 8P
2-line IPAD, EMI filter and ESD protection
17-Apr-2008
EMIF02-SPK01C2 STMICROELECTRONICS-EMIF02-SPK01C2 Datasheet
311Kb / 7P
2 line EMI filter and ESD protection
26-Jan-2006
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2_11 Datasheet
114Kb / 8P
2-line IPAD?? EMI filter and ESD protection
26-May-2011
EMIF02-MIC06F3 STMICROELECTRONICS-EMIF02-MIC06F3 Datasheet
211Kb / 8P
2-line IPAD??EMI filter and ESD protection
23-Sep-2011
EMIF02-SPK01F2 STMICROELECTRONICS-EMIF02-SPK01F2_11 Datasheet
293Kb / 7P
2-line IPAD?? EMI filter and ESD protection
08-Sep-2011
EMIF02-SPK02F2 STMICROELECTRONICS-EMIF02-SPK02F2_12 Datasheet
227Kb / 12P
2-line IPAD?? EMI filter and ESD protection
03-Apr-2012
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com