Electronic Components Datasheet Search
  English  ▼

X  

EMIF10-COM01F2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF10-COM01F2
Description  10-line IPAD, EMI filter including ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF10-COM01F2 Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF10-COM01F2_08 Datasheet HTML 1Page - STMicroelectronics EMIF10-COM01F2_08 Datasheet HTML 2Page - STMicroelectronics EMIF10-COM01F2_08 Datasheet HTML 3Page - STMicroelectronics EMIF10-COM01F2_08 Datasheet HTML 4Page - STMicroelectronics EMIF10-COM01F2_08 Datasheet HTML 5Page - STMicroelectronics EMIF10-COM01F2_08 Datasheet HTML 6Page - STMicroelectronics EMIF10-COM01F2_08 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
April 2008
Rev 5
1/7
7
EMIF10-COM01F2
10-line IPAD™, EMI
filter including ESD protection
Features
■ EMI symmetrical (I/O) low-pass filter
■ Lead free package
■ Very low PCB space consuming: < 6 mm2
■ Very thin package: 0.65 mm
■ High efficiency in ESD suppression on both
input & output pins
■ High reliability offered by monolithic integration
Complies with the following standard:
■ IEC 61000-4-2 level 4
– 15 kV (air discharge)
– 8 kV (contact discharge)
Applications
EMI filtering and ESD protection for:
■ Computers and printers
■ Communication systems
■ Mobile phones
Description
The EMIF10-COM01F2 is a highly integrated
device designed to suppress EMI / RFI noise in all
systems subjected to electromagnetic
interferences. The EMIF10 Flip-Chip packaging
means the package size is equal to the die size.
Additionally, this filter includes an ESD protection
circuitry which prevents damage to the application
when subjected to ESD surges up to 15 kV.
Figure 1.
Pin configuration (bump side)
Figure 2.
Basic cell configuration
TM: IPAD is a trademark of STMicroelectronics.
Flip Chip
(25 bumps)
A
B
C
D
E
54
3
21
02
04
03
05
06
09
08
010
07
GND
GND
GND
I1
I9
I8
I10
I2
I4
I3
GND
GND
I6
I7
01
I5
Output
Low-pass Filter
R
= 200
I/O
Ω
C
= 45 pF
line
Input
www.st.com


Similar Part No. - EMIF10-COM01F2_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF10-COM01F2 STMICROELECTRONICS-EMIF10-COM01F2 Datasheet
114Kb / 7P
EMI FILTER INCLUDING ESD PROTECTION
12-Apr-2005
More results

Similar Description - EMIF10-COM01F2_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF10-1K010F2 STMICROELECTRONICS-EMIF10-1K010F2_08 Datasheet
183Kb / 8P
10-line IPAD?? EMI filter including ESD protection
17-Apr-2008
EMIF01-SMIC01F2 STMICROELECTRONICS-EMIF01-SMIC01F2 Datasheet
150Kb / 7P
Single line IPAD?? EMI filter including ESD protection
24-Apr-2008
EMIF02-MIC01F2 STMICROELECTRONICS-EMIF02-MIC01F2 Datasheet
381Kb / 7P
2-line IPAD, EMI filter including ESD protection
17-Apr-2008
EMIF02-MIC02F3 STMICROELECTRONICS-EMIF02-MIC02F3 Datasheet
183Kb / 8P
2-line IPAD, EMI filter including ESD protection
28-Apr-2008
EMIF02-USB03F2 STMICROELECTRONICS-EMIF02-USB03F2_08 Datasheet
188Kb / 8P
2-line IPAD, EMI filter including ESD protection
28-Apr-2008
EMIF03-SIM02C2 STMICROELECTRONICS-EMIF03-SIM02C2_10 Datasheet
188Kb / 8P
3-line IPAD??EMI filter including ESD protection
02-Sep-2010
EMIF03-SIM02F3 STMICROELECTRONICS-EMIF03-SIM02F3_10 Datasheet
288Kb / 9P
3-line IPAD?? EMI filter including ESD protection
07-Apr-2010
EMIF03-SIM04F3 STMICROELECTRONICS-EMIF03-SIM04F3 Datasheet
193Kb / 7P
3-line IPAD?? EMI filter including ESD protection
12-Oct-2010
EMIF03SIM02F2 STMICROELECTRONICS-EMIF03SIM02F2 Datasheet
153Kb / 8P
3-line IPAD?? EMI filter including ESD protection
24-Apr-2008
EMIF03-SIM06F3 STMICROELECTRONICS-EMIF03-SIM06F3 Datasheet
321Kb / 7P
3-line IPAD™, EMI filter including ESD protection
19-Dec-2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com