Electronic Components Datasheet Search
  English  ▼

X  

EMIF10-LCD01F2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF10-LCD01F2
Description  10 line EMI filter and ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF10-LCD01F2 Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF10-LCD01F2 Datasheet HTML 1Page - STMicroelectronics EMIF10-LCD01F2 Datasheet HTML 2Page - STMicroelectronics EMIF10-LCD01F2 Datasheet HTML 3Page - STMicroelectronics EMIF10-LCD01F2 Datasheet HTML 4Page - STMicroelectronics EMIF10-LCD01F2 Datasheet HTML 5Page - STMicroelectronics EMIF10-LCD01F2 Datasheet HTML 6Page - STMicroelectronics EMIF10-LCD01F2 Datasheet HTML 7Page - STMicroelectronics EMIF10-LCD01F2 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
January 2007
Rev 3
1/8
8
EMIF10-LCD01F2
IPAD™
10 line EMI filter and ESD protection
Main product characteristics:
Where EMI filtering in ESD sensitive equipment is
required :
■ LCD for Mobile phones
■ Computers and printers
■ Communication systems
■ MCU Boards
Description
The EMIF10-LCD01F2 is a 10 line highly
integrated device designed to suppress EMI/RFI
noise in all systems subjected to electromagnetic
interferences. The EMIF10 Flip-Chip packaging
means the package size is equal to the die size.
This filter includes ESD protection circuitry, which
prevents damage to the application when it is
subjected to ESD surges up to 15 kV.
Benefits
■ EMI symmetrical (I/O) low-pass filter
■ High efficiency in EMI filtering
■ Very low PCB space consuming: < 6 mm2
■ Lead free package
■ Very thin package: 0.69 mm
■ High efficiency in ESD suppression on input
pins (IEC 61000-4-2 level 4)
■ High reliability offered by monolithic integration
■ High reducing of parasitic elements through
integration and wafer level packaging.
Complies with following standards:
IEC 61000-4-2
MIL STD 883G - Method 3015-7 Class 3
Order code
Figure 1.
Pin Configuration (bump side)
Figure 2.
Basic Cell Configuration
TM: IPAD is a trademark of STMicroelectronics.
level 4 input pins
15 kV
(air discharge)
8 kV
(contact discharge)
Part Number
Marking
EMIF10-LCD01F2
FL
Flip-Chip
(25 bumps)
A
B
C
D
E
1
2
3
4
5
O10
O8
O6
O4
O2
O9
O7
O5
O3
O1
I10
I8
I6
I4
I2
I9
GND
GND
GND
I5
I1
I7
GND
GND
I3
Input
GND
GND
GND
Output
Low-pass Filter
Ri/o = 100
Cline = 35pF
Ω
www.st.com


Similar Part No. - EMIF10-LCD01F2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF10-LCD01F2 STMICROELECTRONICS-EMIF10-LCD01F2 Datasheet
224Kb / 6P
10 LINES EMI FILTER AND ESD PROTECTION
Nov-2003
More results

Similar Description - EMIF10-LCD01F2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF02-SPK01F2 STMICROELECTRONICS-EMIF02-SPK01F2 Datasheet
271Kb / 7P
2 LINE EMI FILTER AND ESD PROTECTION
14-Oct-2004
EMIF02-MIC03C2 STMICROELECTRONICS-EMIF02-MIC03C2 Datasheet
285Kb / 7P
2 line EMI filter and ESD protection
28-Nov-2006
EMIF09-SD01F3 STMICROELECTRONICS-EMIF09-SD01F3 Datasheet
413Kb / 8P
9 line EMI filter and ESD protection
09-Feb-2006
EMIF06-10006C2 STMICROELECTRONICS-EMIF06-10006C2 Datasheet
240Kb / 9P
6 line EMI filter and ESD protection
17-Nov-2006
EMIF06-10006F2 STMICROELECTRONICS-EMIF06-10006F2 Datasheet
241Kb / 9P
6 line EMI filter and ESD protection
17-Nov-2006
EMIF02-MIC03F2 STMICROELECTRONICS-EMIF02-MIC03F2 Datasheet
260Kb / 6P
2 LINE EMI FILTER AND ESD PROTECTION
14-Oct-2005
EMIF02-SPK01C2 STMICROELECTRONICS-EMIF02-SPK01C2 Datasheet
311Kb / 7P
2 line EMI filter and ESD protection
26-Jan-2006
EMIF10-LCD01C2 STMICROELECTRONICS-EMIF10-LCD01C2 Datasheet
159Kb / 7P
10 LINE EMI FILTER AND ESD PROTECTION
12-Aug-2005
EMIF10-LCD03F3 STMICROELECTRONICS-EMIF10-LCD03F3 Datasheet
335Kb / 7P
10-line IPAD, EMI filter and ESD protection
14-Apr-2008
EMIF10-LCD03F3 STMICROELECTRONICS-EMIF10-LCD03F3_10 Datasheet
278Kb / 7P
10-line IPAD?? EMI filter and ESD protection
19-Feb-2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com