Electronic Components Datasheet Search
  English  ▼

X  

ESDA6V1-4BC6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ESDA6V1-4BC6
Description  QUAD BIDIRECTIONAL TRANSIL SUPPRESSOR FOR ESD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1-4BC6 Datasheet(HTML) 4 Page - STMicroelectronics

  ESDA6V1-4BC6 Datasheet HTML 1Page - STMicroelectronics ESDA6V1-4BC6 Datasheet HTML 2Page - STMicroelectronics ESDA6V1-4BC6 Datasheet HTML 3Page - STMicroelectronics ESDA6V1-4BC6 Datasheet HTML 4Page - STMicroelectronics ESDA6V1-4BC6 Datasheet HTML 5Page - STMicroelectronics ESDA6V1-4BC6 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ESDA6V1-4BC6
4/6
Figure 8: Bidirectional protection for 0V biased signals
The ESDA6V1-4BC6 array is the ideal product for use as board level protection of ESD sensitive semi-
conductor components.
The tiny SOT23-6L package allows design flexibility in the design of “crowded” boards where the space
saving is at a premium. This enables to shorten the routing and can contribute to improve ESD perform-
ance.
2. Circuit Board Layout
Circuit board layout is a critical design step in the suppression of ESD induced transients. The following
guidelines are recommended :
The ESDA6V1-4BC6 should be placed as near as possible to the input terminals or connectors.
Minimise the path length between the ESD suppressor and the protected device
Minimise all conductive loops, including power and ground loops
The ESD transient return path to ground should be kept as short as possible.
Use ground planes whenever possible.
Figure 9: Ordering information scheme
CONNECTOR
DRIVER
1
2
3
6
5
4
ESDA
6V1 - 4B
C6
ESD Array
Breakdown Voltage (min)
Number and type of lines protected
Package
6V1 = 6.1 Volt
4B = 4 Bidirectional lines
C6 = SOT23-6L



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com