Electronic Components Datasheet Search
  English  ▼

X  

HCF4035B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4035B
Description  4 STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4035B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4035B_01 Datasheet HTML 1Page - STMicroelectronics HCF4035B_01 Datasheet HTML 2Page - STMicroelectronics HCF4035B_01 Datasheet HTML 3Page - STMicroelectronics HCF4035B_01 Datasheet HTML 4Page - STMicroelectronics HCF4035B_01 Datasheet HTML 5Page - STMicroelectronics HCF4035B_01 Datasheet HTML 6Page - STMicroelectronics HCF4035B_01 Datasheet HTML 7Page - STMicroelectronics HCF4035B_01 Datasheet HTML 8Page - STMicroelectronics HCF4035B_01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
September 2001
s
4 STAGE CLOCKED SHIFT OPERATION
s
SYNCHRONOUS PARALLEL ENTRY ON
ALL 4 STAGES
s
JK INPUTS ON FIRST STAGE
s
ASYNCHRONOUS TRUE/COMPLEMENT
CONTROL ON ALL OUTPUTS
s
STATIC FLIP-FLOP OPERATION;
MASTER-SLAVE CONFIGURATION
s
BUFFERED INPUTS AND OUTPUTS
s
HIGH SPEED 12MHz (Typ.) at VDD = 10V
s
QUIESCENT CURRENT SPECIF. UP TO 20V
s
STANDARDIZED SYMMETRICAL OUTPUT
CHARACTERISTICS
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B " STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
The HCF4035B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
This device is a four stage clocked signal serial
register
with
provision
for
synchronous
PARALLEL inputs to each stage and SERIAL
inputs to the first stage via JK logic. Register
stages 2, 3, and 4 are coupled in a serial D flip-flop
configuration when the register is in the serial
mode (PARALLEL/SERIAL control low). Parallel
entry into each register stage is permitted when
the PARALLEL/SERIAL control is high. In the
parallel or serial mode information is transferred
on positive clock transitions. When the TRUE/
COMPLEMENT control is high, the true contents
of the register are available at the output
terminals.
When
the
TRUE/COMPLEMENT
control is low, the outputs are the complements of
the
data
in
the
register.
The
TRUE/
COMPLEMENT control functions asynchronously
with respect to the CLOCK signal. JK input logic is
provided on the first stage SERIAL input to
minimize
logic
requirements
particularly
in
counting and sequence generation applications.
With JK inputs connected together, the first stage
becomes a D flip-flop. An asynchronous common
RESET is also provided.
HCF4035B
4 STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4035BEY
SOP
HCF4035BM1
HCF4035M013TR
DIP
SOP


Similar Part No. - HCF4035B_01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4035BC1 STMICROELECTRONICS-HCF4035BC1 Datasheet
296Kb / 14P
4-STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
Jul-1989
HCF4035BEY STMICROELECTRONICS-HCF4035BEY Datasheet
296Kb / 14P
4-STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
Jul-1989
HCF4035BM1 STMICROELECTRONICS-HCF4035BM1 Datasheet
296Kb / 14P
4-STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
Jul-1989
More results

Similar Description - HCF4035B_01

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14035B MOTOROLA-MC14035B Datasheet
224Kb / 6P
4-Bit Parallel-In/Parallel-Out Shift Register
logo
National Semiconductor ...
54F164ADM NSC-54F164ADM Datasheet
156Kb / 8P
Serial-In, Parallel-Out Shift Register
logo
STMicroelectronics
HCC4035B STMICROELECTRONICS-HCC4035B Datasheet
296Kb / 14P
4-STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
Jul-1989
logo
Texas Instruments
CD4035B TI-CD4035B Datasheet
269Kb / 6P
CMOS 4-STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
logo
Hitachi Semiconductor
HD74AC164 HITACHI-HD74AC164 Datasheet
59Kb / 10P
Serial-In, Parallel-Out Shift Register
logo
National Semiconductor ...
CD4035BM NSC-CD4035BM Datasheet
139Kb / 6P
4-Bit Parallel-In/Parallel-Out Shift Register
logo
Micro Electronics
MMC4035 MICRO-ELECTRONICS-MMC4035 Datasheet
173Kb / 6P
4-STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
logo
Intersil Corporation
CD4035BMS INTERSIL-CD4035BMS Datasheet
118Kb / 10P
CMOS 4 -Stage Parallel In/Parallel Out Shift Register
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A_00 Datasheet
75Kb / 7P
Serial-In, Parallel-Out Shift Register
logo
STMicroelectronics
T74LS164 STMICROELECTRONICS-T74LS164 Datasheet
107Kb / 5P
SERIAL-IN PARALLEL-OUT SHIFT REGISTER
Sep-1988
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com