Electronic Components Datasheet Search
  English  ▼

X  

L4978D Datasheet(PDF) 3 Page - STMicroelectronics

Part # L4978D
Description  2A STEP DOWN SWITCHING REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4978D Datasheet(HTML) 3 Page - STMicroelectronics

  L4978D Datasheet HTML 1Page - STMicroelectronics L4978D Datasheet HTML 2Page - STMicroelectronics L4978D Datasheet HTML 3Page - STMicroelectronics L4978D Datasheet HTML 4Page - STMicroelectronics L4978D Datasheet HTML 5Page - STMicroelectronics L4978D Datasheet HTML 6Page - STMicroelectronics L4978D Datasheet HTML 7Page - STMicroelectronics L4978D Datasheet HTML 8Page - STMicroelectronics L4978D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3/13
L4978
(*) Pins 1, 7, 8, 9, 10, 15 and 16 are not internally, electrically connected to the die.
Table 4. Thermal Data
(*) Package mounted on board.
Table 5. Absolute Maximum Ratings
4
5, 6
OUT
Stepdown regulator output
5
11
VCC
Unregulated DC input voltage
6
12
BOOT
A capacitor connected between this pin and OUT allows to drive the internal DMOS
Transistors
7
13
COMP
E/A output to be used for frequency compensation
8
14
FB
Stepdown feedback input. Connecting directly to this pin results in an output voltage
of 3.3V. An external resistive divider is required for higher output voltages.
Symbol
Parameter
Minidip
SO16
Unit
Rth(j-amb)
Thermal Resistance Junction to ambient
Max.
90 (*)
110 (*)
°C/W
Symbol
Parameter
Value
Unit
Minidip
S016
V5
V11
Input voltage
58
V
V4
V5,V6
Output DC voltage
Output peak voltage at t = 0.1ms f=200KHz
-1
-5
V
V
I4
I5,I6
Maximum output current
int. limit.
V6-V5
V12-V11
14
V
V6
V12
Bootstrap voltage
70
V
V7
V13
Analogs input voltage (VCC= 24V)
12
V
V2
V3
Analogs input voltage (VCC= 24V)
13
V
V8
V14
(VCC= 20V)
6
-0.3
V
V
Ptot
Power dissipation a Tamb
≤ 60°C
DIP-8
SO16
1
0.8
W
W
Tj,Tstg
Junction and storage temperature
-40 to 150
°C
Table 3. Pin Description (continued)
N°
Pin
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com