Electronic Components Datasheet Search
  English  ▼

X  

M27W101 Datasheet(PDF) 15 Page - STMicroelectronics

Part # M27W101
Description  1 Mbit (128Kb x8) Low Voltage UV EPROM and OTP EPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W101 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M27W101 Datasheet HTML 11Page - STMicroelectronics M27W101 Datasheet HTML 12Page - STMicroelectronics M27W101 Datasheet HTML 13Page - STMicroelectronics M27W101 Datasheet HTML 14Page - STMicroelectronics M27W101 Datasheet HTML 15Page - STMicroelectronics M27W101 Datasheet HTML 16Page - STMicroelectronics M27W101 Datasheet HTML 17Page - STMicroelectronics M27W101 Datasheet HTML 18Page - STMicroelectronics M27W101 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
M27W101
DC and AC parameters
15/23
TA = –40 to 85°C; VCC = 2.7V to 3.6V; VPP = VCC
TA = 25 °C; VCC = 6.25V ± 0.25V; VPP = 12.75V ± 0.25V
Table 9.
Read Mode AC Characteristics (1)
Symbol
Alt
Parameter
Test
Condition
-80 (2)
-100
(-120, -150
and -200)
Unit
VCC = 3.0V
to 3.6V
VCC = 2.7V to 3.6V
Min.
Max.
Min.
Max.
Min.
Max.
tAVQV
tACC Address Valid to Output Valid
E = VIL,
G = VIL
70
80
100
ns
tELQV
tCE
Chip Enable Low to Output
Valid
G = VIL
70
80
100
ns
tGLQV
tOE
Output Enable Low to Output
Valid
E = VIL
40
50
60
ns
tEHQZ
(3)
tDF
Chip Enable High to Output Hi-
Z
G = VIL
040
0
50
060
ns
tGHQZ
(3)
tDF
Output Enable High to Output
Hi-Z
E = VIL
040
0
50
060
ns
tAXQX
tOH
Address Transition to Output
Transition
E = VIL,
G = VIL
000
ns
1.
VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
2.
Speed obtained with High Speed measurement conditions.
3.
Sampled only, not 100% tested.
Table 10.
Programming Mode AC Characteristics (1)
Symbol
Alt
Parameter
Test Condition
Min.
Max.
Unit
tAVPL
tAS
Address Valid to Program Low
2
µs
tQVPL
tDS
Input Valid to Program Low
2
µs
tVPHPL
tVPS
VPP High to Program Low
2
µs
tVCHPL
tVCS
VCC High to Program Low
2
µs
tELPL
tCES
Chip Enable Low to Program Low
2
µs
tPLPH
tPW
Program Pulse Width
95
105
µs
tPHQX
tDH
Program High to Input Transition
2
µs
tQXGL
tOES
Input Transition to Output Enable Low
2
µs
tGLQV
tOE
Output Enable Low to Output Valid
100
ns
tGHQZ
(2)
tDFP
Output Enable High to Output Hi-Z
0
130
ns
tGHAX
tAH
Output Enable High to Address Transition
0
ns
1.
VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
2.
Sampled only, not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com