Electronic Components Datasheet Search
  English  ▼

X  

AAT2848 Datasheet(PDF) 11 Page - Advanced Analogic Technologies

Part # AAT2848
Description  High-Current Charge Pump For Backlight Display and Flash Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2848 Datasheet(HTML) 11 Page - Advanced Analogic Technologies

Back Button AAT2848 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2848 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2848 Datasheet HTML 9Page - Advanced Analogic Technologies AAT2848 Datasheet HTML 10Page - Advanced Analogic Technologies AAT2848 Datasheet HTML 11Page - Advanced Analogic Technologies AAT2848 Datasheet HTML 12Page - Advanced Analogic Technologies AAT2848 Datasheet HTML 13Page - Advanced Analogic Technologies AAT2848 Datasheet HTML 14Page - Advanced Analogic Technologies AAT2848 Datasheet HTML 15Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
AAT2848
High-Current Charge Pump For Backlight Display and Flash Applications
ChargePump
TM
PRODUCT DATASHEET
2848.2008.05.1.0
11
www .analogictech.com
FENS
Data
IFLX
(%)
RFSET
(Ω)
FENS
Data
IFLX
(%)
RFSET
(Ω)
1
100
14.3k
(206mA
Max)
946
14.3k
(206mA
Max)
294
10
40
387
11
34
481
12
27
573
13
20
667
14
13
760
15
6
853
16
3
Table 2: IFLX (%) vs. FENS Data.
FENS Data (#)
0
40
80
120
160
200
240
13
5
7
9
11
13
15
RFSET = 14.3kΩ
Figure 2: FL1-FL2 Current Control Profile.
S2Cwire Serial Interface
The S2Cwire single-wire serial interface used in the
AAT2848 exhibits flexible timing in that data can be
clocked-in at speeds ranging from 15kHz to higher than
1MHz.
The S2Cwire serial interface recognizes rising edges at
both the BENS pin and at the FENS pin. For setting the
backlight current level, data applied at the AAT2848’s
BENS input is decoded into 32 different levels. For set-
ting the flash current level, data applied at the AAT2848’s
FENS input is decoded into 16 different levels. After data
is supplied, the BENS and the FENS inputs pins are held
high to latch the data.
Once the data at BENS or FENS has been held in the
logic high state for longer than tLAT (500μs), the pro-
grammed backlight or flash current becomes active and
the internal backlight and flash data registers are
latched. To adjust the backlight and/or flash current lev-
els once programmed, the requisite number of rising
edges corresponding to the desired code must be applied
at the BENS or the FENS pin.
The AAT2848 features separate control interfaces for
backlight and flash current control. The backlight current
features 32 current steps, each step as a percentage of
the maximum backlight current set by the BSET resistor.
The flash has 16 current level settings; again, each step
as a percentage of the maximum flash current set by the
FSET resistor.
Flash Timeout Functionality
The AAT2848 contains an internal flash mode operation
timeout safety circuit. The purpose of this timeout circuit
is to prevent any thermal damage to the flash white LED
when flash mode operation is unable to be disabled by
the embedded microprocessor/microcontroller.
Flash
mode operation is initiated by strobing the FENS pin low-
to-high, this also initiates the flash timer circuit which
can be programmed via an external capacitor at the
FLTMR pin. The flash timeout period can be calculated
using the following equation:
Flash Timeout = 3.9 s/μF · CFLTMR
where Flash Timeout is in seconds and CFLTMR is in μF. For
example, for a 0.33μF capacitor:
Flash Timeout = 3.9 s/μF · 0.33μF = 1.3s
To disable the flash timer, connect the FLTMR pin to
AGND.
When both the BENS and the FENS inputs are strobed
and held low for longer than tOFF (500μs), the AAT2848
enters shutdown mode and draws less than 1μA from
VIN. Both internal backlight and flash data registers are
cleared to zero when in shutdown.
Backlight/Flash LED Current Setting
The maximum backlight and flash LED currents are set,
or programmed, with external resistors. The backlight
LED current is programmed by the RBSET resistor with the
following equation:
R
BSET =
300
I
BLED
RBSET = Backlight LED Current Programming Resistor
IBLED = Backlight LED Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com