Electronic Components Datasheet Search
  English  ▼

X  

VN800STR-E Datasheet(PDF) 3 Page - STMicroelectronics

Part # VN800STR-E
Description  HIGH SIDE DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN800STR-E Datasheet(HTML) 3 Page - STMicroelectronics

  VN800STR-E Datasheet HTML 1Page - STMicroelectronics VN800STR-E Datasheet HTML 2Page - STMicroelectronics VN800STR-E Datasheet HTML 3Page - STMicroelectronics VN800STR-E Datasheet HTML 4Page - STMicroelectronics VN800STR-E Datasheet HTML 5Page - STMicroelectronics VN800STR-E Datasheet HTML 6Page - STMicroelectronics VN800STR-E Datasheet HTML 7Page - STMicroelectronics VN800STR-E Datasheet HTML 8Page - STMicroelectronics VN800STR-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3/24
VN800S-E / VN800PT-E
Figure 3. Configuration Diagram (Top View) & Suggested Connections for Unused and N.C. Pins
Figure 4. Current and Voltage Conventions
Table 4. Thermal Data
(1) When mounted on FR4 printed circuit board with 0.5 cm2 of copper area (at least 35
µ thick) connected to all VCC pins.
(2) When mounted on FR4 printed circuit board with 2 cm2 of copper area (at least 35
µ thick).
(3) When mounted on FR4 printed circuit board with 0.5 cm2 of copper area (at least 35
µ thick) connected to all VCC pins.
(4) When mounted on FR4 printed circuit board with 6 cm2 of copper area (at least 35
µ thick).
Symbol
Parameter
Value
Unit
SO-8
PPAK
Rthj-case
Thermal Resistance Junction-case
Max
-3
°C/W
Rthj-lead
Thermal Resistance Junction-lead
Max
30
-
°C/W
Rthj-amb
Thermal Resistance Junction-ambient
Max
Max
93 (1)
78 (3)°C/W
82 (2)
45 (4)°C/W
Connection / Pin Status
N.C.
Output
Input
Floating
X
X
X
X
To Ground
X
Through 10K
Ω resistor
VCC
VCC
OUTPUT
OUTPUT
N.C.
GND
STATUS
INPUT
1
4
5
8
5
4
3
2
1
STATUS
OUTPUT
GND
INPUT
VCC
SO-8
PPAK
INPUT
IS
IIN
VIN
VCC
STATUS
ISTAT
VSTAT
GND
VCC
IOUT
VOUT
IGND
OUTPUT
VF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com