Electronic Components Datasheet Search
  English  ▼

X  

STB200NF03T4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB200NF03T4
Description  N-CHANNEL 30V - 0.0032 ohm - 120A D²PAK/I²PAK/TO-220 STripFET™ II POWER MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB200NF03T4 Datasheet(HTML) 1 Page - STMicroelectronics

  STB200NF03T4 Datasheet HTML 1Page - STMicroelectronics STB200NF03T4 Datasheet HTML 2Page - STMicroelectronics STB200NF03T4 Datasheet HTML 3Page - STMicroelectronics STB200NF03T4 Datasheet HTML 4Page - STMicroelectronics STB200NF03T4 Datasheet HTML 5Page - STMicroelectronics STB200NF03T4 Datasheet HTML 6Page - STMicroelectronics STB200NF03T4 Datasheet HTML 7Page - STMicroelectronics STB200NF03T4 Datasheet HTML 8Page - STMicroelectronics STB200NF03T4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
AUTOMOTIVE SPECIFIC
October 2002
STP200NF03
STB200NF03 STB200NF03-1
N-CHANNEL 30V - 0.0032
Ω - 120A D²PAK/I²PAK/TO-220
STripFET™ II POWER MOSFET
s
TYPICAL RDS(on) = 0.0032Ω
s
STANDARD THRESHOLD DRIVE
s
100% AVALANCHE TESTED
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronis unique "Single Feature Size™"
strip-based
process.
The
resulting
transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less
critical
alignment
steps
therefore
a
remarkable manufacturing reproducibility.
APPLICATIONS
s
HIGH CURRENT, HIGH SWITCHING SPEED
s
DC-DC & DC-AC CONVERTERS
s
SOLENOID AND RELAY DRIVERS
TYPE
VDSS
RDS(on)
ID
STB200NF03/-1
STP200NF03
30 V
30 V
<0.0036
Ω
<0.0036
Ω
120 A(**)
120 A(**)
1
2
3
1
3
1
2
3
TO-220
D²PAK
TO-263
I²PAK
TO-262
INTERNAL SCHEMATIC DIAGRAM
Ordering Information
ABSOLUTE MAXIMUM RATINGS
(
•) Pulse width limited by safe operating area.
(**) Current Limited by Package
(1) ISD ≤120A, di/dt ≤400A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
(2) Starting Tj = 25 oC, ID = 60 A, VDD = 25 V
SALES TYPE
MARKING
PACKAGE
PACKAGING
STB200NF03T4
B200NF03
D2PAK
TAPE & REEL
STP200NF03
P200NF03
TO-220
TUBE
STB200NF03-1
B200NF03
I2PAK
TUBE
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
30
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
30
V
VGS
Gate- source Voltage
± 20
V
ID(**)
Drain Current (continuous) at TC = 25°C
120
A
ID
Drain Current (continuous) at TC = 100°C
120
A
IDM(•)
Drain Current (pulsed)
480
A
Ptot
Total Dissipation at TC = 25°C
300
W
Derating Factor
2.0
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
1.5
V/ns
EAS (2)
Single Pulse Avalanche Energy
1.45
J
Tstg
Storage Temperature
-55 to 175
°C
Tj
Operating Junction Temperature


Similar Part No. - STB200NF03T4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB200NF03T4 STMICROELECTRONICS-STB200NF03T4 Datasheet
449Kb / 18P
N-channel 30V - 0.0032ohm - 120A - D2PAK/I2PAK/TO-220 STripFET TM III Power MOSFET
09-Aug-2006
More results

Similar Description - STB200NF03T4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB140NF75 STMICROELECTRONICS-STB140NF75 Datasheet
541Kb / 18P
N-CHANNEL 75V - 0.0065 ohm -120A DPAK/IPAK/TO-220 STripFET II POWER MOSFET
28-Jun-2006
STB55NF06 STMICROELECTRONICS-STB55NF06 Datasheet
485Kb / 12P
N-CHANNEL 60V - 0.015 ohm - 50A TO-220/TO-220FP/I PAK/D²PAK STripFET™ II POWER MOSFET
Mar-2003
STB180N55 STMICROELECTRONICS-STB180N55 Datasheet
178Kb / 11P
N-CHANNEL 55V - 2.9m-ohm - 120A - D-2 PAK - TO-220 MDmesh-TM Low Voltage Power MOSFET
03-Jan-2006
logo
Xian Semipower Electron...
SW1N60C SEMIPOWER-SW1N60C Datasheet
742Kb / 7P
N-channel D-PAK/I-PAK/TO-92 MOSFET
SW4N60B SEMIPOWER-SW4N60B Datasheet
946Kb / 7P
N-channel I-PAK/D-PAK/TO-220F MOSFET
SW2N60D SEMIPOWER-SW2N60D Datasheet
767Kb / 6P
N-channel I-PAK/D-PAK/TO220F MOSFET
SW4N60K SEMIPOWER-SW4N60K Datasheet
678Kb / 6P
N-channel TO-220F/I-PAK/D-PAK MOSFET
SW50N06T SEMIPOWER-SW50N06T Datasheet
747Kb / 6P
N-channel D-PAK/TO-220 MOSFET
SW630A SEMIPOWER-SW630A Datasheet
453Kb / 5P
N-channel TO-220/D-PAK MOSFET
SW830D1 SEMIPOWER-SW830D1 Datasheet
911Kb / 6P
N-channel TO-220/I-PAK/D-PAK/TO-220F MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com