Electronic Components Datasheet Search
  English  ▼

X  

L6932H12 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6932H12
Description  High performance 2A ULDO linear regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6932H12 Datasheet(HTML) 3 Page - STMicroelectronics

  L6932H12 Datasheet HTML 1Page - STMicroelectronics L6932H12 Datasheet HTML 2Page - STMicroelectronics L6932H12 Datasheet HTML 3Page - STMicroelectronics L6932H12 Datasheet HTML 4Page - STMicroelectronics L6932H12 Datasheet HTML 5Page - STMicroelectronics L6932H12 Datasheet HTML 6Page - STMicroelectronics L6932H12 Datasheet HTML 7Page - STMicroelectronics L6932H12 Datasheet HTML 8Page - STMicroelectronics L6932H12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
L6932H1.2
Pin settings
3/13
1
Pin settings
1.1
Pin connection
Figure 2.
Pin connection (top view)
1.2
Pin description
1
2
3
4
5
6
7
8
EN
Vin
FB
PGOOD
Vout
GND
NC1
NC2
1
2
3
4
5
6
7
8
EN
Vin
FB
PGOOD
Vout
GND
NC1
NC2
Table 2. Pin description
Name
Pin N°
Description
1
EN
Enables the device when connected to Vin and disables it when forced to GND.
2
VIN
Supply voltage. This pin is connected to the drain of the internal N-mos.
Connect this pin to a capacitor larger than 10µF.
3FB
Connecting this pin to a voltage divider it is possible to program the output
voltage between 1.2V and 5V.
4VOUT
Regulated output voltage. This pin is connected to the source of the internal N-
mos. Connect this pin to a capacitor of 10µF.
5
PGOOD
Power good output. The pin is open drain and detects the output voltage. It is
forced low if the output voltage is lower than 90% of the programmed voltage.
6
GND
Ground pin
7, 8
NC1-
NC2
Internally not connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com