Electronic Components Datasheet Search
  English  ▼

X  

STW20NK50Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW20NK50Z
Description  N-CHANNEL 500V - 0.23ohm - 20A TO-220/TO-247 Zener-Protected SuperMESH™ Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW20NK50Z Datasheet(HTML) 1 Page - STMicroelectronics

  STW20NK50Z Datasheet HTML 1Page - STMicroelectronics STW20NK50Z Datasheet HTML 2Page - STMicroelectronics STW20NK50Z Datasheet HTML 3Page - STMicroelectronics STW20NK50Z Datasheet HTML 4Page - STMicroelectronics STW20NK50Z Datasheet HTML 5Page - STMicroelectronics STW20NK50Z Datasheet HTML 6Page - STMicroelectronics STW20NK50Z Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
TARGET DATA
July 2003
STP20NK50Z - STW20NK50Z
N-CHANNEL 500V - 0.23
Ω - 20A TO-220/TO-247
Zener-Protected SuperMESH™Power MOSFET
s
TYPICAL RDS(on) = 0.23 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
GATE CHARGE MINIMIZED
s
VERY LOW INTRINSIC CAPACITANCES
s
VERY GOOD MANUFACTURING
REPEATIBILITY
DESCRIPTION
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established strip-
based PowerMESH™ layout. In addition to pushing
on-resistance significantly down, special care is tak-
en to ensure a very good dv/dt capability for the
most demanding applications. Such series comple-
ments ST full range of high voltage MOSFETs in-
cluding revolutionary MDmesh™ products.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
IDEAL FOR OFF-LINE POWER SUPPLIES,
ADAPTORS AND PFC
ORDERING INFORMATION
TYPE
VDSS
RDS(on)
ID
Pw
STP20NK50Z
STW20NK50Z
500 V
500 V
< 0.27
Ω
< 0.27
Ω
20 A
20 A
190 W
190 W
SALES TYPE
MARKING
PACKAGE
PACKAGING
STP20NK50Z
P20NK50Z
TO-220
TUBE
STW20NK50Z
W20NK50Z
TO-247
TUBE
TO-220
TO-247
1
2
3
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STW20NK50Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW20NK50Z STMICROELECTRONICS-STW20NK50Z Datasheet
383Kb / 13P
N-CHANNEL 500V -0.23 OHM - 17A TO-220/D2PAK/I2SPAK/TO-247
May-2004
STW20NK50Z STMICROELECTRONICS-STW20NK50Z Datasheet
380Kb / 13P
N-CHANNEL 500V -0.23Ω- 17A TO-220/D2PAK/I2SPAK/TO-247 Zener-Protected SuperMESH™MOSFET
May-2004
STW20NK50Z STMICROELECTRONICS-STW20NK50Z Datasheet
613Kb / 18P
N-channel 500 V, 0.23 Ω, 17 A SuperMESH™Power MOSFET Zener-protected TO-220, TO-247, TO-220FP, D2PAK
26-Nov-2009
logo
Inchange Semiconductor ...
STW20NK50Z ISC-STW20NK50Z Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW20NK50Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP14NK50Z STMICROELECTRONICS-STP14NK50Z Datasheet
673Kb / 14P
N-CHANNEL 500V-0.34ohm-14ATO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™ 줡ower MOSFET
March 2003
STP17NK40Z STMICROELECTRONICS-STP17NK40Z Datasheet
394Kb / 10P
N-CHANNEL 400V - 0.23ohm - 15A TO-220/TO-220FP Zener-Protected SuperMESH™ Power MOSFET
Oct-2002
STP9NK50Z STMICROELECTRONICS-STP9NK50Z Datasheet
572Kb / 12P
N-CHANNEL 500V - 0.72ohm - 7.2A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH™ Power MOSFET
June 2002
STP16NK60Z STMICROELECTRONICS-STP16NK60Z Datasheet
283Kb / 11P
N-CHANNEL 600V - 0.38??- 14A TO-220 / I2SPAK / TO-247 Zener-Protected SuperMESH??MOSFET
Mar-2004
STW20NK70Z STMICROELECTRONICS-STW20NK70Z Datasheet
129Kb / 6P
N-CHANNEL 700V - 0.25W - 20A TO-247 Zener-Protected SuperMESH TM Power MOSFET
Jun-2003
STP10NK50Z STMICROELECTRONICS-STP10NK50Z Datasheet
505Kb / 12P
N-CHANNEL 500V - 0.55??- 9A TO-220 / TO-220FP Zener-Protected SuperMESH MOSFET
08-Sep-2005
STP5NK100Z STMICROELECTRONICS-STP5NK100Z Datasheet
435Kb / 16P
N-channel 1000V - 2.7??- 3.5A - TO-220/TO-220FP/TO-247 Zener-protected SuperMESH??Power MOSFET
16-Aug-2006
STP14NK50Z STMICROELECTRONICS-STP14NK50Z_06 Datasheet
626Kb / 19P
N-channel 500V - 0.34OHM - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH Power MOSFET
26-Jul-2006
STP20NK50Z STMICROELECTRONICS-STP20NK50Z_04 Datasheet
380Kb / 13P
N-CHANNEL 500V -0.23Ω- 17A TO-220/D2PAK/I2SPAK/TO-247 Zener-Protected SuperMESH™MOSFET
May-2004
STP15NK50Z STMICROELECTRONICS-STP15NK50Z_07 Datasheet
505Kb / 19P
N-channel 500V - 0.30Ω - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
05-Jan-2007
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com