Electronic Components Datasheet Search
  English  ▼

X  

TDA1910 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA1910
Description  10W AUDIO AMPLIFIER WITH MUTING
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1910 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA1910 Datasheet HTML 1Page - STMicroelectronics TDA1910 Datasheet HTML 2Page - STMicroelectronics TDA1910 Datasheet HTML 3Page - STMicroelectronics TDA1910 Datasheet HTML 4Page - STMicroelectronics TDA1910 Datasheet HTML 5Page - STMicroelectronics TDA1910 Datasheet HTML 6Page - STMicroelectronics TDA1910 Datasheet HTML 7Page - STMicroelectronics TDA1910 Datasheet HTML 8Page - STMicroelectronics TDA1910 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
h
Efficiency
Vs = 24V
f = 1 KHz
RL = 4
Po = 12W
RL = 8
Po = 7.5W
62
65
%
BW
Small signal bandwidth
Vs = 24V
RL = 4
Po = 1W
10 to 120,000
Hz
BW
Power bandwidth
Vs = 24V
Po = 12W
RL = 4
d
≤ 5%
40 to 15,000
Hz
Gv
Voltage gain (open loop)
f = 1 KHz
75
dB
Gv
Voltage gain (closed loop)
Vs = 24V
f = 1 KHz
RL = 4
Po = 1W
29.5
30
30.5
dB
eN
Total input noise
Rg = 50
Rg = 1K
(
°)
Rg = 10K
1.2
1.3
1.5
3.0
3.2
4.0
µV
Rg = 50
Rg = 1K
(
°°)
Rg = 10K
2.0
2.0
2.2
5.0
5.2
6.0
µV
S/N
Signal to noise ratio
Vs = 24V
Po = 12W
RL = 4
Rg = 10K
Rg = 0
(
°)97
103
105
dB
Rg = 10K
Rg = 0
(
°°)93
100
100
dB
SVR
Supply voltage rejection
Vs = 24V
RL = 4
fripple = 100 Hz
Rg = 10 K
50
60
dB
Tsd
Thermal sjut-down case (*)
temperature
Ptot = 8W
110
125
°C
MUTING FUNCTION (Refer to Muting circuit)
VT
Muting-off threshold voltage
(pin 11)
1.9
4.7
V
VT
Muting-on threshold voltage
(pin 11)
0
1.3
V
6
Vs
R1
Input resistance (pin 1)
Muting off
80
200
K
Muting on
10
30
R11
Input resistance (pin 11)
150
K
AT
Muting attenuation
Rg + R1 = 10 K
50
60
dB
ELECTRICAL CHARACTERISTICS (continued)
Note :
(
°) Weighting filter = curve A.
(
° °) Filter with noise bandwidth: 22 Hz to 22 KHz.
(*)
See fig. 29 and fig. 30.
5/15
TDA1910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com