Electronic Components Datasheet Search
  English  ▼

X  

TDA7269A Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7269A
Description  14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7269A Datasheet(HTML) 6 Page - STMicroelectronics

  TDA7269A Datasheet HTML 1Page - STMicroelectronics TDA7269A Datasheet HTML 2Page - STMicroelectronics TDA7269A Datasheet HTML 3Page - STMicroelectronics TDA7269A Datasheet HTML 4Page - STMicroelectronics TDA7269A Datasheet HTML 5Page - STMicroelectronics TDA7269A Datasheet HTML 6Page - STMicroelectronics TDA7269A Datasheet HTML 7Page - STMicroelectronics TDA7269A Datasheet HTML 8Page - STMicroelectronics TDA7269A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TDA7269A
6/9
BRIDGE APPLICATION
Another application suggestion concerns the Bridge configuration , where the two power amplifiers are
connected as shown by the schematic diagrams of figure 5 “Split Power Supply” , and figure 6 “Single
Power Supply”.
This application shows,however, some operative limits due to dissipation and current capability of the out-
put stage.
For this reason we recommend to use the TDA7269A in BTL with the following supply voltages depending
on the used load impedance (for the single supply consider double Vs) :
The detected characteristics of THD vs Pout are shown in figg: 7, 8 and 9 for the different load impedances.
With Rload = 8ohm , Vs = ±14V the maximum output power obtainable is 30W at THD = 10% (fig. 9). With
Rload = 6ohm , Vs = ±12V the maximum output power obtainable is 28W at THD = 10% (fig. 8). With Rload
= 4ohm , Vs = ±10V the maximum output power obtainable is 20W at THD=10% (fig. 7).
We suggest not to exceed the suggested supply voltages in order to avoid the current limiter intervention.
Figure 5. Split Power Supply Application Diagram
±Vs (V)
Rload (ohm)
14
8
11
6
10
4
1
µF
ST-BY/
MUTE
1
µF
R5 4.7
Ω
R6
4.7
Ω
C7
0.1
µF
C9
0.1
µF
C5
0.1
µF
C4
1000
µF
+VS
3
5
7
9
6
11
2
4
+
+
-
-
D94AU190
RL
R2
560
Ω
R1
36K
Ω
8
10
1
R4
560
Ω
R3
36K
Ω
C1
IN
C2
C3
0.1
µF
C6
1000
µF
-VS
C8
5.6nF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com