Electronic Components Datasheet Search
  English  ▼

X  

TDA7309 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7309
Description  DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7309 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7309 Datasheet HTML 1Page - STMicroelectronics TDA7309 Datasheet HTML 2Page - STMicroelectronics TDA7309 Datasheet HTML 3Page - STMicroelectronics TDA7309 Datasheet HTML 4Page - STMicroelectronics TDA7309 Datasheet HTML 5Page - STMicroelectronics TDA7309 Datasheet HTML 6Page - STMicroelectronics TDA7309 Datasheet HTML 7Page - STMicroelectronics TDA7309 Datasheet HTML 8Page - STMicroelectronics TDA7309 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TDA7309
2/14
Figure 3. Pin Description
Table 2. Absolute Maximum Ratings
Table 3. QUICK REFERENCE DATA
Table 4. Thermal Data
Figure 4. Test Circuit
Symbol
Parameter
Value
Unit
VS
Operating Supply Voltage
10.5
V
Tamb
Operating Ambient Temperature
–40 to 85
°C
Tstg
Storage Temperature Range
–55 to +150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Operating Supply Voltage
6
10
V
VCL
Max. Input Signal Handling
2
Vrms
THD
Total Harmonic Distortion
V = 1Vrms, f = 1KHz
0.01
0.1
%
S/N
Signal to Noise Ratio
106
dB
Sc
Channel Separation f = 1KHz
100
dB
Volume Control 1.0dB step
–95
0
dB
Soft Mute Attenuation
60
dB
Direct Mute Attenuation
100
dB
Symbol
Parameter
SO20
DIP20
Unit
Rth j-pins
Thermal resistance Junction to Pins
150
100
°C/W
RecoutL
OUTL
CSM
SDA
SCL
GND
DGND
ADD
OUTR
1
3
2
4
5
6
7
8
9
LOUDR
IN2R
IN1R
VS
CREF
IN1L
IN2L
LOUDL
IN3L
20
19
18
17
16
14
15
13
12
D94AU058A
RecoutR
10
IN3R
11
IN1L
IN2L
IN3L
RecoutL
IN1R
IN2R
IN3R
RecoutR
17
18
20
1
14
13
10
11
19
12
5
4
6
8
LL
LR
SCL
SDA
DIGGND
ADD
CSM
3
2
16
15
CREF
AGND
7
OUTL
VS
OUTR
9
D94AU057A
TDA7309



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com