Electronic Components Datasheet Search
  English  ▼

X  

STP21N06L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP21N06L
Description  N - CHANNEL ENHANCEMENT MODE LOW THRESHOLD POWER MOS TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP21N06L Datasheet(HTML) 1 Page - STMicroelectronics

  STP21N06L Datasheet HTML 1Page - STMicroelectronics STP21N06L Datasheet HTML 2Page - STMicroelectronics STP21N06L Datasheet HTML 3Page - STMicroelectronics STP21N06L Datasheet HTML 4Page - STMicroelectronics STP21N06L Datasheet HTML 5Page - STMicroelectronics STP21N06L Datasheet HTML 6Page - STMicroelectronics STP21N06L Datasheet HTML 7Page - STMicroelectronics STP21N06L Datasheet HTML 8Page - STMicroelectronics STP21N06L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
STP21N06L
STP21N06LFI
N - CHANNEL ENHANCEMENT MODE
LOW THRESHOLD POWER MOS TRANSISTOR
s
TYPICAL RDS(on) = 0.065
Ω
s
AVALANCHE RUGGED TECHNOLOGY
s
100% AVALANCHE TESTED
s
REPETITIVE AVALANCHE DATA AT 100
oC
s
LOW GATE CHARGE
s
LOGIC LEVEL COMPATIBLE INPUT
s
175
oC OPERATING TEMPERATURE
s
APPLICATION ORIENTED
CHARACTERIZATION
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SOLENOID AND RELAY DRIVERS
s
REGULATORS
s
DC-DC & DC-AC CONVERTERS
s
MOTOR CONTROL, AUDIO AMPLIFIERS
s
AUTOMOTIVE ENVIRONMENT (INJECTION,
ABS, AIR-BAG, LAMPDRIVERS, Etc.)
INTERNAL SCHEMATIC DIAGRAM
TYPE
VDSS
R DS(on)
ID
STP21N06L
STP21N06LFI
60 V
60 V
< 0.085
Ω
< 0.085
Ω
21 A
14 A
1
2
3
TO-220
ISOWATT220
July 1993
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Unit
STP21N06L
STP21N06LFI
VDS
Drain-source Voltage (VGS =0)
60
V
VDG R
Drain- gate Voltage (RGS =20 k
Ω)60
V
VGS
Gate-source Voltage
± 15
V
ID
Drain Current (cont inuous) at T c =25
oC21
14
A
ID
Drain Current (cont inuous) at T c =100
oC14
9
A
IDM(
•)
Drain Current (pulsed)
84
84
A
Ptot
Total Dissipation at Tc =25
oC80
35
W
Derating Factor
0. 53
0.23
W/
oC
VISO
I nsulat ion Withstand Voltage (DC)
2000
V
Tstg
St orage Temperat ure
-65 to 175
oC
Tj
Max. Operat ing Junction Temperature
175
oC
(
•) Pulse width limited by safe operating area
1
2
3
1/10


Similar Part No. - STP21N06L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP21N06L ISC-STP21N06L Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
STP21N06LFI ISC-STP21N06LFI Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP21N06L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD12N05L STMICROELECTRONICS-STD12N05L Datasheet
176Kb / 10P
N - CHANNEL ENHANCEMENT MODE LOW THRESHOLD POWER MOS TRANSISTOR
Nov-1996
STD15N06L STMICROELECTRONICS-STD15N06L Datasheet
140Kb / 10P
N - CHANNEL ENHANCEMENT MODE LOW THRESHOLD POWER MOS TRANSISTOR
Feb-1995
STD17N05L STMICROELECTRONICS-STD17N05L Datasheet
172Kb / 10P
N - CHANNEL ENHANCEMENT MODE LOW THRESHOLD POWER MOS TRANSISTOR
Jan-1995
STD8N10L STMICROELECTRONICS-STD8N10L Datasheet
381Kb / 9P
N-CHANNEL ENHANCEMENT MODE LOW THRESHOLD POWER MOS TRANSISTOR
Mar 1995
STK12N05L STMICROELECTRONICS-STK12N05L Datasheet
180Kb / 10P
N - CHANNEL ENHANCEMENT MODE LOW THRESHOLD POWER MOS TRANSISTOR
Nov-1996
STP19N06L STMICROELECTRONICS-STP19N06L Datasheet
142Kb / 7P
N - CHANNEL ENHANCEMENT MODE LOW THRESHOLD POWER MOS TRANSISTOR
Feb-1995
STP20N10L STMICROELECTRONICS-STP20N10L Datasheet
203Kb / 10P
N - CHANNEL ENHANCEMENT MODE LOW THRESHOLD POWER MOS TRANSISTOR
Nov-1996
STP21N05L STMICROELECTRONICS-STP21N05L Datasheet
197Kb / 10P
N - CHANNEL ENHANCEMENT MODE LOW THRESHOLD POWER MOS TRANSISTOR
Jul-1993
STP50N06L STMICROELECTRONICS-STP50N06L Datasheet
199Kb / 10P
N - CHANNEL ENHANCEMENT MODE LOW THRESHOLD POWER MOS TRANSISTOR
Jul-1993
STP55N06L STMICROELECTRONICS-STP55N06L Datasheet
213Kb / 7P
N-CHANNEL ENHANCEMENT MODE LOW THRESHOLD POWER MOS TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com