Electronic Components Datasheet Search
  English  ▼

X  

TDA7374 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7374
Description  Dual bridge audio amplifier for car radio
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7374 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7374_08 Datasheet HTML 3Page - STMicroelectronics TDA7374_08 Datasheet HTML 4Page - STMicroelectronics TDA7374_08 Datasheet HTML 5Page - STMicroelectronics TDA7374_08 Datasheet HTML 6Page - STMicroelectronics TDA7374_08 Datasheet HTML 7Page - STMicroelectronics TDA7374_08 Datasheet HTML 8Page - STMicroelectronics TDA7374_08 Datasheet HTML 9Page - STMicroelectronics TDA7374_08 Datasheet HTML 10Page - STMicroelectronics TDA7374_08 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
TDA7374
Electrical specifications
7/19
2.3
Electrical characteristcs
Table 4.
Electrical characteristcs
(Refer to the test circuit; VS = 14.4 V; RL = 4 Ω, Tamb = 25 °C, f = 1 kHz, unless otherwise
specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VS
Supply range
8
18
V
Id
Total quiescent drain current
150
mA
PO
Output power
RL = 4 Ω; THD = 10 %
17
21
W
d
Distortion
RL = 4 Ω; PO = 0.1 to 10 W
0.5
%
CT
Cross talk
f = 1 kHz; Rg = 0
65
dB
f = 10 kHz; Rg = 0
55
dB
RIN
Input impedance
10
K
Ω
GV
Voltage gain
26
dB
GV
Voltage gain match.
1
dB
EIN
Input noise voltage
Rg = 0 to 10 kΩ; Weight A
3.5
μV
Rg = 0 to 10 kΩ;
22 Hz to 22 kHz
10
μV
SVR
Supply voltage rejection
Rg = 0; f = 100 Hz
48
dB
Rg = 0; f = 10 kHz
55
dB
ASB
Stand-by attenuation
60
dB
ISB
Stand-by current consumption
1
μA
VSB ON
Stand-by IN Threshold Voltage
1.5
V
VSB OFF
Stand-by OUT threshold
voltage
3.5
V
VOS
Output offset voltage
200
mV
ICD OFF
Clipping detector "OFF"
output average current
THD = 1 % (1)
100
μA
ICD ON
Clipping detector "ON"
output average current
THD = 10 % (1)
190
μA
1.
Pin 10 pulled-up to 5V with 10k
Ω; R
L = 4Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com