Electronic Components Datasheet Search
  English  ▼

X  

M54HC245K1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M54HC245K1
Description  RAD-HARD OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC245K1 Datasheet(HTML) 5 Page - STMicroelectronics

  M54HC245K1 Datasheet HTML 1Page - STMicroelectronics M54HC245K1 Datasheet HTML 2Page - STMicroelectronics M54HC245K1 Datasheet HTML 3Page - STMicroelectronics M54HC245K1 Datasheet HTML 4Page - STMicroelectronics M54HC245K1 Datasheet HTML 5Page - STMicroelectronics M54HC245K1 Datasheet HTML 6Page - STMicroelectronics M54HC245K1 Datasheet HTML 7Page - STMicroelectronics M54HC245K1 Datasheet HTML 8Page - STMicroelectronics M54HC245K1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
M54HC245
5/10
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr =tf =6ns)
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) =CPD xVCC xfIN +ICC/8 (per circuit)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH tTHL Output Transition
Time
2.0
50
25
60
75
90
ns
4.5
7
12
19
18
6.0
6
10
13
15
tPLH tPHL Propagation Delay
Time
2.0
50
33
90
115
135
ns
4.5
12
18
23
27
6.0
10
15
20
23
2.0
150
48
120
150
180
ns
4.5
16
24
30
36
6.0
14
20
26
31
tPZL tPZH High Impedance
Output Enable
Time
2.0
50
RL =1 KΩ
48
150
190
225
ns
4.5
16
30
38
45
6.0
14
26
32
38
2.0
150
RL =1 KΩ
63
180
225
270
ns
4.5
21
36
45
54
6.0
18
31
38
46
tPLZ tPHZ High Impedance
Output Disable
Time
2.0
50
RL =1 KΩ
37
150
190
225
ns
4.5
17
30
38
45
6.0
15
26
32
38
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
DIR, G
510
10
10
pF
CI/OUT
Output
Capacitance
An, Bn
13
pF
CPD
Power Dissipation
Capacitance
(note 1)
39
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com