Electronic Components Datasheet Search
  English  ▼

X  

CFXYY Datasheet(PDF) 8 Page - Advanced Analogic Technologies

Part # CFXYY
Description  150mA NanoPower??LDO Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

CFXYY Datasheet(HTML) 8 Page - Advanced Analogic Technologies

Back Button CFXYY Datasheet HTML 4Page - Advanced Analogic Technologies CFXYY Datasheet HTML 5Page - Advanced Analogic Technologies CFXYY Datasheet HTML 6Page - Advanced Analogic Technologies CFXYY Datasheet HTML 7Page - Advanced Analogic Technologies CFXYY Datasheet HTML 8Page - Advanced Analogic Technologies CFXYY Datasheet HTML 9Page - Advanced Analogic Technologies CFXYY Datasheet HTML 10Page - Advanced Analogic Technologies CFXYY Datasheet HTML 11Page - Advanced Analogic Technologies CFXYY Datasheet HTML 12Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AAT3221/2
150mA NanoPower™ LDO Linear Regulator
PowerLinearTM
PRODUCT DATASHEET
8
3221.2007.11.1.12
www .analogictech.com
Functional Description
The AAT3221 and AAT3222 are intended for LDO regula-
tor applications where output current load requirements
range from no load to 150mA. The advanced circuit
design of the AAT3221/2 has been optimized for very low
quiescent or ground current consumption, making it
ideal for use in power management systems for small
battery-operated devices. The typical quiescent current
level is just 1.1μA. AAT3221/2 devices also contain an
enable circuit which has been provided to shut down the
LDO regulator for additional power conservation in por-
table products. In the shutdown state, the LDO draws
less than 1μA from input supply.
The LDO also demonstrates excellent power supply rip-
ple rejection (PSRR) and load and line transient response
characteristics. The AAT3221/2 high performance LDO
regulator is especially well suited for circuit applications
that are sensitive to load circuit power consumption and
extended battery life.
The LDO regulator output has been specifically optimized
to function with low-cost, low-ESR ceramic capacitors.
However, the design will allow for operation with a wide
range of capacitor types.
The AAT3221/2 has complete short-circuit and thermal
protection. The integral combination of these two inter-
nal protection circuits gives the AAT3221/2 a compre-
hensive safety system to guard against extreme adverse
operating conditions. Device power dissipation is limited
to the package type and thermal dissipation properties.
Refer to the Thermal Considerations section of this docu-
ment for details on device operation at maximum output
load levels.
Functional Block Diagram
Over-Current
Protection
Over-Temperature
Protection
VREF
IN
EN
OUT
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com