Electronic Components Datasheet Search
  English  ▼

X  

M54HC175 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC175
Description  RAD-HARD QUAD D-TYPE FLIP FLOP WITH CLEAR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC175 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC175 Datasheet HTML 1Page - STMicroelectronics M54HC175 Datasheet HTML 2Page - STMicroelectronics M54HC175 Datasheet HTML 3Page - STMicroelectronics M54HC175 Datasheet HTML 4Page - STMicroelectronics M54HC175 Datasheet HTML 5Page - STMicroelectronics M54HC175 Datasheet HTML 6Page - STMicroelectronics M54HC175 Datasheet HTML 7Page - STMicroelectronics M54HC175 Datasheet HTML 8Page - STMicroelectronics M54HC175 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
April 2004
s
HIGH SPEED:
tPD =16ns (TYP.) at VCC =6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES 175
s
SPACE GRADE-1: ESA SCC QUALIFIED
s
50 krad QUALIFIED, 100 krad AVAILABLE ON
REQUEST
s
NO SEL UNDER HIGH LET HEAVY IONS
IRRADIATION
s
DEVICE FULLY COMPLIANT WITH
SCC-9203-052
DESCRIPTION
The M54HC175 is an high speed CMOS HEX
D-TYPE FLIP FLOP WITH CLEAR fabricated with
silicon gate C2MOS technology.
These four flip-flops are controlled by a clock input
(CLOCK) and a clear input (CLEAR). The
information data applied to the D inputs (1D to 4D)
are transferred to the outputs (1Q to 4Q and 1Q to
4Q) on the positive-going edge of the clock pulse.
The reset function is accomplished when the
CLEAR input is low and all Q outputs are low
regardless of other input conditions.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M54HC175
RAD-HARD QUAD D-TYPE FLIP FLOP WITH CLEAR
PIN CONNECTION
ORDER CODES
PACKAGE
FM
EM
DILC
M54HC175D
M54HC175D1
FPC
M54HC175K
M54HC175K1
DILC-16
FPC-16


Similar Part No. - M54HC175

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC175 STMICROELECTRONICS-M54HC175 Datasheet
248Kb / 11P
QUADD-TYPEFLIP-FLOPWITHCLEAR
October 1992
M54HC175 STMICROELECTRONICS-M54HC175 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC175D STMICROELECTRONICS-M54HC175D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC175F1R STMICROELECTRONICS-M54HC175F1R Datasheet
248Kb / 11P
QUADD-TYPEFLIP-FLOPWITHCLEAR
October 1992
M54HC175K STMICROELECTRONICS-M54HC175K Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
More results

Similar Description - M54HC175

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC175 FAIRCHILD-MM74HC175 Datasheet
76Kb / 7P
Quad D-Type Flip-Flop With Clear
logo
Toshiba Semiconductor
TC74HC175AP TOSHIBA-TC74HC175AP Datasheet
281Kb / 7P
QUAD D - TYPE FLIP FLOP WITH CLEAR
TC7MH175FK TOSHIBA-TC7MH175FK_07 Datasheet
192Kb / 7P
Quad D-Type Flip-Flop with Clear
TC74VHC175F TOSHIBA-TC74VHC175F_07 Datasheet
270Kb / 11P
Quad D-Type Flip Flop with Clear
logo
STMicroelectronics
M54HC273 STMICROELECTRONICS-M54HC273_04 Datasheet
181Kb / 10P
RAD-HARD OCTAL D TYPE FLIP FLOP WITH CLEAR
Apr-2004
M54HC174 STMICROELECTRONICS-M54HC174_04 Datasheet
161Kb / 10P
RAD-HARD HEX D-TYPE FLIP FLOP WITH CLEAR
Mar-2004
M54HC74 STMICROELECTRONICS-M54HC74_04 Datasheet
280Kb / 12P
RAD HARD DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
01-Jun-2004
M74HC175 STMICROELECTRONICS-M74HC175_01 Datasheet
428Kb / 11P
QUAD D-TYPE FLIP FLOP WITH CLEAR
Jul-2001
logo
Toshiba Semiconductor
TC74VHC175F TOSHIBA-TC74VHC175F_12 Datasheet
229Kb / 10P
Quad D-Type Flip Flop with Clear
TC74VHC175F TOSHIBA-TC74VHC175F_V01 Datasheet
336Kb / 7P
QUAD D-TYPE FLIP-FLOP WITH CLEAR
1997-01-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com