Electronic Components Datasheet Search
  English  ▼

X  

M48T212V Datasheet(PDF) 19 Page - STMicroelectronics

Part # M48T212V
Description  3.3V TIMEKEEPER supervisor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T212V Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M48T212V Datasheet HTML 15Page - STMicroelectronics M48T212V Datasheet HTML 16Page - STMicroelectronics M48T212V Datasheet HTML 17Page - STMicroelectronics M48T212V Datasheet HTML 18Page - STMicroelectronics M48T212V Datasheet HTML 19Page - STMicroelectronics M48T212V Datasheet HTML 20Page - STMicroelectronics M48T212V Datasheet HTML 21Page - STMicroelectronics M48T212V Datasheet HTML 22Page - STMicroelectronics M48T212V Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
M48T212V
Clock operation
19/35
3.5
Setting the alarm clock
Address locations 6h-2h contain the alarm settings. The alarm can be configured to go off at
a prescribed time on a specific month, date, hour, minute, or second or repeat every year,
month, day, hour, minute, or second. It can also be programmed to go off while the
M48T212V is in the battery back-up to serve as a system wake-up call.
Bits RPT5-RPT1 put the alarm in the repeat mode of operation. Table 8 shows the possible
configurations. Codes not listed in the table default to the once per second mode to quickly
alert the user of an incorrect alarm setting.
Note:
User must transition address (or toggle chip enable) to see Flag Bit change.
When the clock information matches the alarm clock settings based on the match criteria
defined by RPT5-RPT1, the AF (Alarm Flag) is set.
If AFE (Alarm Flag Enable) is also set, the alarm condition activates the IRQ/FT pin. To
disable alarm, write '0' to the Alarm Date registers and RPT1-5. The IRQ/FT output is
cleared by a READ to the Flags Register as shown in Figure 7. A subsequent READ of the
Flags Register is necessary to see that the value of the Alarm Flag has been reset to '0.'
The IRQ/FT pin can also be activated in the battery back-up mode. The IRQ/FT will go low if
an alarm occurs and both ABE (Alarm in Battery Back-up Mode Enable) and AFE are set.
The ABE and AFE Bits are reset during power-up, therefore an alarm generated during
power-up will only set AF. The user can read the Flag Register at system boot-up to
determine if an alarm was generated while the M48T212V was in the deselect mode during
power-up. Figure 8 on page 20 illustrates the back-up mode alarm timing.
Figure 7.
Alarm interrupt reset waveforms
Table 8.
Alarm repeat modes
RPT5
RPT4
RPT3
RPT2
RPT1
Alarm setting
1
1111
Once per second
1
1110
Once per minute
1
1100
Once per hour
1
1000
Once per day
1
0000
Once per month
0
0000
Once per year
AI03021
A0-A3
ACTIVE FLAG BIT
ADDRESS 0h
IRQ/FT
HIGH-Z
1h
Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com