Electronic Components Datasheet Search
  English  ▼

X  

M54HC164D Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC164D
Description  RAD-HARD 8 BIT SIPO SHIFT REGISTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC164D Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC164D Datasheet HTML 1Page - STMicroelectronics M54HC164D Datasheet HTML 2Page - STMicroelectronics M54HC164D Datasheet HTML 3Page - STMicroelectronics M54HC164D Datasheet HTML 4Page - STMicroelectronics M54HC164D Datasheet HTML 5Page - STMicroelectronics M54HC164D Datasheet HTML 6Page - STMicroelectronics M54HC164D Datasheet HTML 7Page - STMicroelectronics M54HC164D Datasheet HTML 8Page - STMicroelectronics M54HC164D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
March 2004
s
HIGH SPEED:
fMAX = 62MHz (TYP.) at VCC =6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES 164
s
SPACE GRADE-1: ESA SCC QUALIFIED
s
50 krad QUALIFIED, 100 krad AVAILABLE ON
REQUEST
s
NO SEL UNDER HIGH LET HEAVY IONS
IRRADIATION
s
DEVICE FULLY COMPLIANT WITH
SCC-9306-041
DESCRIPTION
The M54HC164 is an high speed CMOS 8 BIT
SIPO SHIFT REGISTER fabricated with silicon
gate C2MOS technology.
The M54HC164 is an 8 bit shift register with serial
data entry and an output from each of the eight
stages. Data is entered serially through one of two
inputs (A or B), either of these inputs can be used
as an active high enable for data entry through the
other input. An unused input must be high, or both
inputs connected together. Each low-to-high
transition on the clock inputs shifts data one place
to the right and enters into QA the logic NAND of
the two data inputs (A x B), the data that existed
before the rising clock edge. A low level on the
clear input overrides all other inputs and clears the
register asynchronously, forcing all Q outputs low.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M54HC164
RAD-HARD 8 BIT SIPO SHIFT REGISTER
PIN CONNECTION
ORDER CODES
PACKAGE
FM
EM
DILC
M54HC164D
M54HC164D1
FPC
M54HC164K
M54HC164K1
DILC-14
FPC-14


Similar Part No. - M54HC164D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC164D STMICROELECTRONICS-M54HC164D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
More results

Similar Description - M54HC164D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC164 STMICROELECTRONICS-M54HC164 Datasheet
254Kb / 12P
8 BIT SIPO SHIFT REGISTER
Oct-1992
M54HC251 STMICROELECTRONICS-M54HC251 Datasheet
249Kb / 11P
8 BIT SIPO SHIFT REGISTER
Feb-1993
M54HC4094 STMICROELECTRONICS-M54HC4094 Datasheet
270Kb / 12P
8 BIT SIPO SHIFT LATCH REGISTER 3-STATE
Feb-1993
M54HCT164 STMICROELECTRONICS-M54HCT164 Datasheet
252Kb / 12P
8 BIT SIPO SHIFT REGISTER
Feb-1993
M54HC165 STMICROELECTRONICS-M54HC165 Datasheet
316Kb / 12P
RAD-HARD 8 BIT PISO SHIFT REGISTER
Mar-2004
M74HC4094 STMICROELECTRONICS-M74HC4094 Datasheet
575Kb / 12P
8 BIT SIPO SHIFT LATCH REGISTER (3-STATE)
Jan-2003
M74HCT164 STMICROELECTRONICS-M74HCT164 Datasheet
327Kb / 11P
8 BIT SIPO SHIFT REGISTER
Jul-2001
M54HC597 STMICROELECTRONICS-M54HC597_04 Datasheet
513Kb / 14P
RAD-HARD 8 BIT LATCH/SHIFT REGISTER
01-Jun-2004
M54HC166 STMICROELECTRONICS-M54HC166_04 Datasheet
334Kb / 11P
RAD-HARD 8 BIT PISO SHIFT REGISTER
Mar-2004
M74HC164 STMICROELECTRONICS-M74HC164_03 Datasheet
512Kb / 13P
8 BIT SIPO SHIFT REGISTER
Jun-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com