| Electronic Components Datasheet Search |
|
M54HC157K Datasheet(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M54HC157K Datasheet(HTML) 3 Page - STMicroelectronics |
|
3 / 9 page ![]() M54HC157 3/9 Figure 3: Logic Diagram Table 3: Absolute Maximum Ratings Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied Table 4: Recommended Operating Conditions Symbol Parameter Value Unit VCC Supply Voltage -0.5 to +7 V VI DC Input Voltage -0.5 to VCC +0.5 V VO DC Output Voltage -0.5 to VCC +0.5 V IIK DC Input Diode Current ± 20 mA IOK DC Output Diode Current ± 20 mA IO DC Output Current ± 25 mA ICC or IGND DC VCC or Ground Current ± 50 mA PD Power Dissipation 300 mW Tstg Storage Temperature -65 to +150 °C TL Lead Temperature (10 sec) 265 °C Symbol Parameter Value Unit VCC Supply Voltage 2to 6 V VI Input Voltage 0 to VCC V VO Output Voltage 0 to VCC V Top Operating Temperature -55 to 125 °C tr,tf Input Rise and Fall Time VCC =2.0V 0 to 1000 ns VCC =4.5V 0 to 500 ns VCC =6.0V 0 to 400 ns |