Electronic Components Datasheet Search
  English  ▼

X  

TDA7513T Datasheet(PDF) 33 Page - STMicroelectronics

Part # TDA7513T
Description  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TDA7513T_07 Datasheet HTML 29Page - STMicroelectronics TDA7513T_07 Datasheet HTML 30Page - STMicroelectronics TDA7513T_07 Datasheet HTML 31Page - STMicroelectronics TDA7513T_07 Datasheet HTML 32Page - STMicroelectronics TDA7513T_07 Datasheet HTML 33Page - STMicroelectronics TDA7513T_07 Datasheet HTML 34Page - STMicroelectronics TDA7513T_07 Datasheet HTML 35Page - STMicroelectronics TDA7513T_07 Datasheet HTML 36Page - STMicroelectronics TDA7513T_07 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 84 page
background image
TDA7513T
Functional description
33/84
3.4.3
AutoZero
In order to reduce the number of pins there is no AC coupling between the In-Gain and the
following stage, so that in theory any offset generated by or before the In-Gain stage would
be transferred or even amplified to the output. To avoid this undesired situation a special
offset cancellation stage called AutoZero is implemented. This stage is located before the
Volume block to eliminate all offsets generated by the Stereodecoder, the Input Stage and
the In-Gain stage (please note that externally generated offsets, e.g. those generated
because of leakage current into the coupling capacitors, are not cancelled).
The auto-zeroing is started every time the APSD data byte 0 is selected and takes a
maximum time of 0.6ms. The rationale behind this choice is that the APSD byte encodes the
signal source selection, and auto-zero ought to be performed every time a new source is
selected. To avoid audible clicks the audioprocessor is muted before the volume stage
during this time.
3.4.4
AutoZero remain
In some cases, for example if the uP is executing a refresh cycle of the I2C bus
programming, it is not necessary to start a new AutoZero action because no new source is
selected and an undesired mute would appear at the outputs. For such applications the
device can be switched in the "AutoZero Remain mode" (Bit 6 of the APSD subaddress
byte). If this bit is set to high, the APSD data byte 0 can be loaded without invoking the
AutoZero and the old adjustment value remains.
3.4.5
Softmute
The digitally controlled softmute stage allows signal muting and unmuting with a I2C bus
programmable slope. The mute process can either be activated by pin #AUDIOMUTE or I2C
bus. The slope is realized in a special S-shaped curve so as to slowly mute in the critical
regions (see
Figure 4.). For timing purposes the Bit 3 of the I2C bus output register is set to
1 from the start of muting until the end of unmuting.
3.4.6
BASS
There are four parameters programmable in the bass filter stage: (see
Figure 5, 6, 7, and 8):
3.4.7
Attenuation
Figure 5 shows the attenuation as a function of frequency at a center frequency at a center
frequency of 80Hz.
3.4.8
Center frequency
Figure 6 shows the four possible center frequencies: 60,70,80 and 100Hz.
3.4.9
Quality factors
Figure 7 shows the four possible quality factors: 1, 1.25, 1.5 and 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com