Electronic Components Datasheet Search
  English  ▼

X  

TDA7513T Datasheet(PDF) 49 Page - STMicroelectronics

Part # TDA7513T
Description  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 49 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 45Page - STMicroelectronics TDA7513T Datasheet HTML 46Page - STMicroelectronics TDA7513T Datasheet HTML 47Page - STMicroelectronics TDA7513T Datasheet HTML 48Page - STMicroelectronics TDA7513T Datasheet HTML 49Page - STMicroelectronics TDA7513T Datasheet HTML 50Page - STMicroelectronics TDA7513T Datasheet HTML 51Page - STMicroelectronics TDA7513T Datasheet HTML 52Page - STMicroelectronics TDA7513T Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 84 page
background image
TDA7513T
Software specifications
49/84
4.2
Tuner section subaddresses
Table 31.
Address organization addresses
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
11
000
10
R/W
Table 32.
Address organization subaddress
MSB
LSB
S7
S6
S5
S4
S3
S2
S1
S0
X
X
autoincr
subaddress
Table 33.
Address organization read mode: ISS outputs
MSB
LSB
S7
S6
S5
S4
S3
S2
S1
S0
DEV+
DEV
AC
FS
INLOCK
MP
BW
ON
Table 34.
Subaddress organisation (tuner section)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
Charge pump
00
00
High current = 0mA
0
0
0
1
High current = 0.5mA
00
10
High current = 1mA
0
0
1
1
High current = 1.5mA
1
1
1
1
High current = 7.5mA
0
0
Low current = 0
μA
0
1
Low current = 50
μA
1
0
Low current = 100
μA
1
1
Low current = 150
μA
0
Select low current
1
Select high current
Tuner stand-by
0
0
0
0
0
Tuner StandBy OFF
1
0
0
0
1
Tuner StandBy ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com