Electronic Components Datasheet Search
  English  ▼

X  

TDA7515 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7515
Description  RF front-end for AM/FM-DSP car radios with IF sampling
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7515 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7515_06 Datasheet HTML 1Page - STMicroelectronics TDA7515_06 Datasheet HTML 2Page - STMicroelectronics TDA7515_06 Datasheet HTML 3Page - STMicroelectronics TDA7515_06 Datasheet HTML 4Page - STMicroelectronics TDA7515_06 Datasheet HTML 5Page - STMicroelectronics TDA7515_06 Datasheet HTML 6Page - STMicroelectronics TDA7515_06 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Electrical specifications
TDA7515
4/7
2
Electrical specifications
2.1
Thermal data
Table 2.
Thermal data
2.2
Absolute maximum ratings
Table 3.
Absolute maximum ratings
Symbol
Parameter
Values
Unit
Min.
Typ.
Max.
Rth(j-a)
Thermal resistance
85
°C/W
Tamb
Ambient temperature
-40
85
°C
Tstg
Storage temperature
-55
150
°C
Symbol
Parameter
Value
Unit
VCCIF
Supply voltage for IF-interface
12
V
VPLL
PLL supply voltage
12
V
VCCVCO
VCO supply voltage
12
V
VCC
Supply voltage
12
V
VMIXOUT1/2 Open collector voltage
12
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com