Electronic Components Datasheet Search
  English  ▼

X  

TDA7515TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7515TR
Description  RF front-end for AM/FM-DSP car radios with IF sampling
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7515TR Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7515TR Datasheet HTML 1Page - STMicroelectronics TDA7515TR Datasheet HTML 2Page - STMicroelectronics TDA7515TR Datasheet HTML 3Page - STMicroelectronics TDA7515TR Datasheet HTML 4Page - STMicroelectronics TDA7515TR Datasheet HTML 5Page - STMicroelectronics TDA7515TR Datasheet HTML 6Page - STMicroelectronics TDA7515TR Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
November 2006
Rev 2
1/7
7
TDA7515
RF front-end for AM/FM-DSP car radios with IF sampling
Features
■ RF AGC generation by RF and IF detection
■ I/Q Mixer for FM IF 10.7MHz with image
rejection and programmable IF tank adjust for
FM and AM
■ Preamplifier and mixer for IF 10.7MHz AM
upconversion
■ VCO and programmable divider for “world
receiver”
■ Programmable controlled IF-gain stage
■ High performance fast PLL for RDS-system
■ Electronic alignment for the preselection
stages
■ All functions bus-controlled
Description
The front-end is a high performance tuner circuit
for AM/FM - DSP car radios with 10.7MHz - IF
sampling.
It contains mixer and IF amplifiers for AM and FM,
VCO and PLL synthesizer on a single chip.
Use of BICMOS technology allows the
implementation of several tuning functions and a
minimum of external components.
Order codes
LQFP44
Part numbers
Package
Packing
TDA7515
LQFP44 (10x 10x 1.4mm)
Tray
TDA7515TR
LQFP44 (10x 10x 1.4mm)
Tape and reel
www.st.com


Similar Part No. - TDA7515TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7515 STMICROELECTRONICS-TDA7515 Datasheet
80Kb / 5P
RF-FRONTEND FOR AM/FM-DSP-CARRADIOS WITH IF SAMPLING
Jul-2002
More results

Similar Description - TDA7515TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7515 STMICROELECTRONICS-TDA7515 Datasheet
80Kb / 5P
RF-FRONTEND FOR AM/FM-DSP-CARRADIOS WITH IF SAMPLING
Jul-2002
logo
Samsung semiconductor
KA2245 SAMSUNG-KA2245 Datasheet
76Kb / 3P
FM IF SYSTEM FOR CAR RADIOS
logo
Sanyo Semicon Device
LA1143 SANYO-LA1143 Datasheet
124Kb / 5P
FM IF System for Car Radios
LA1193M SANYO-LA1193M Datasheet
766Kb / 21P
High-Performance FM Front End for Car Radios
logo
Burr-Brown (TI)
AFEDRI8201 BURR-BROWN-AFEDRI8201 Datasheet
240Kb / 22P
IF ADC Front End for AM/FM and HD Radios
logo
Texas Instruments
SN761631 TI-SN761631 Datasheet
630Kb / 26P
RF FRONT END FOR AM/FM IF SAMPLING RADIO
logo
STMicroelectronics
TDA7529 STMICROELECTRONICS-TDA7529 Datasheet
618Kb / 60P
RF front-end for AM/FM DSP car-radio with IF sampling
07-Mar-2007
TDA7528 STMICROELECTRONICS-TDA7528 Datasheet
89Kb / 5P
AM/FM car radio Front-End receiver for IF sampling tuners
28-Jun-2006
TDA7529 STMICROELECTRONICS-TDA7529_11 Datasheet
473Kb / 61P
RF front-end for AM/FM DSP car-radio with IF sampling
17-Dec-2009
logo
Panasonic Semiconductor
AN7216 PANASONIC-AN7216 Datasheet
128Kb / 4P
FM Front End Circuit for Radios
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com