Electronic Components Datasheet Search
  English  ▼

X  

TDA7540NTR Datasheet(PDF) 49 Page - STMicroelectronics

Part # TDA7540NTR
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system (ISS)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540NTR Datasheet(HTML) 49 Page - STMicroelectronics

Back Button TDA7540NTR Datasheet HTML 45Page - STMicroelectronics TDA7540NTR Datasheet HTML 46Page - STMicroelectronics TDA7540NTR Datasheet HTML 47Page - STMicroelectronics TDA7540NTR Datasheet HTML 48Page - STMicroelectronics TDA7540NTR Datasheet HTML 49Page - STMicroelectronics TDA7540NTR Datasheet HTML 50Page - STMicroelectronics TDA7540NTR Datasheet HTML 51Page - STMicroelectronics TDA7540NTR Datasheet HTML 52Page - STMicroelectronics TDA7540NTR Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
TDA7540N
Software specification
49/76
0
Switch “OFF” ISS filter 120kHz
1
Switch “ON” ISS filter 80kHz
0
Switch “OFF” ISS filter 30KHz for weatherband
1
Switch “ON” ISS filter 30KHz for weatherband
000
discharge current1µA, charge current mid 74µA
narrow124µA
001
discharge current3µA, charge current mid 72µA
narrow122µA
010
discharge current5µA, charge current mid 70µA
narrow120µA
011
discharge current7µA, charge current mid 68µA
narrow118µA
--
-
-
111
discharge current15µA,charge current mid 60µA
narrow110µA
Table 21.
Addr 9 quality detection adjacent channel
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
dc-coupling deviation detector (has to be 0 in AM mode)
1
ac-coupling deviation detector (recommended mode)
0
AC highpass frequency 100kHz
1
AC bandpass frequency 100kHz
0
AC gain 32dB
1
AC gain 38dB
0
0
0
AC wide band threshold 0.25V
0
0
1
AC wide band threshold 0.35V
0
1
0
AC wide band threshold 0.45V
---
-
1
1
1
AC wide band threshold 0.95V
0
0
AC narrow band threshold 0.0V
0
1
AC narrow band threshold 0.1V
1
0
AC narrow band threshold 0.2V
1
1
AC narrow band threshold 0.3V
Table 20.
Addr 8 quality ISS filter (continued)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com