Electronic Components Datasheet Search
  English  ▼

X  

TDA7563A Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7563A
Description  4 x 50W multifunction quad power amplifier with built-in diagnostics feature
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7563A Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7563A Datasheet HTML 1Page - STMicroelectronics TDA7563A Datasheet HTML 2Page - STMicroelectronics TDA7563A Datasheet HTML 3Page - STMicroelectronics TDA7563A Datasheet HTML 4Page - STMicroelectronics TDA7563A Datasheet HTML 5Page - STMicroelectronics TDA7563A Datasheet HTML 6Page - STMicroelectronics TDA7563A Datasheet HTML 7Page - STMicroelectronics TDA7563A Datasheet HTML 8Page - STMicroelectronics TDA7563A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
TDA7563A
Block, pins connection and application diagrams
5/35
1
Block, pins connection and application diagrams
Figure 1.
Block diagram
Figure 2.
Application circuit
Short Circuit
Protection &
Diagnostic
I2CBUS
Mute1 Mute2
Thermal
Protection
& Dump
Clip
Detector
IN LF
IN RR
IN RF
IN LR
VCC1
VCC2
CD_OUT
OUT RF+
OUT RF-
OUT RR+
OUT RR-
OUT LF+
OUT LF-
OUT LR+
OUT LR-
Short Circuit
Protection &
Diagnostic
Short Circuit
Protection &
Diagnostic
Short Circuit
Protection &
Diagnostic
Reference
CLK
DATA
SVR
AC_GND
TAB
S_GND
PW_GND
F
F
R
R
RF RR
LF
LR
ST-BY/MUTE
IN RF
C1 0.22
μF
IN RR
C2 0.22
μF
OUT RF
OUT RR
IN LF
C3 0.22
μF
IN LR
C4 0.22
μF
OUT LF
OUT LR
D00AU1231A
C5
1
μF
C6
10
μF
TAB
47K
-
+
-
+
-
+
-
+
Vcc1
Vcc2
C8
0.1
μF
V(4V .. VCC)
C7
2200
μF
DATA
I2C BUS
CLK
13
12
15
16
23
26
2
14
S-GND
17
11
5
CD OUT
V
721
18
19
20
22
25
24
10
9
8
6
3
4
1, 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com