Electronic Components Datasheet Search
  English  ▼

X  

TDA7563AH Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7563AH
Description  4 x 50W multifunction quad power amplifier with built-in diagnostics feature
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7563AH Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7563AH Datasheet HTML 3Page - STMicroelectronics TDA7563AH Datasheet HTML 4Page - STMicroelectronics TDA7563AH Datasheet HTML 5Page - STMicroelectronics TDA7563AH Datasheet HTML 6Page - STMicroelectronics TDA7563AH Datasheet HTML 7Page - STMicroelectronics TDA7563AH Datasheet HTML 8Page - STMicroelectronics TDA7563AH Datasheet HTML 9Page - STMicroelectronics TDA7563AH Datasheet HTML 10Page - STMicroelectronics TDA7563AH Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
TDA7563A
Electrical specifications
7/35
2
Electrical specifications
2.1
Absolute maximum ratings
2.2
Thermal data
2.3
Electrical characteristics
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vop
Operating supply voltage
18
V
VS
DC supply voltage
28
V
Vpeak
Peak supply voltage (for t = 50ms)
50
V
VCK
CK pin voltage
6
V
VDATA
Data pin voltage
6
V
IO
Output peak current (not repetitive t = 100ms)
8
A
IO
Output peak current (repetitive f > 10Hz)
6
A
Ptot
Power dissipation Tcase = 70°C
85
W
Tstg, Tj
Storage and junction temperature
-55 to 150
°C
Table 2.
Thermal data
Symbol
Parameter
PowerSO36
Flexiwatt 27
Unit
Rth j-case
Thermal resistance junction to case
Max
1
1
°C/W
Table 3.
Electrical characteristics
(Refer to the test circuit, VS = 14.4V; f=1kHz; RL=4Ω; Tamb= 25°C unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Power amplifier
VS
Supply voltage range
8
18
V
Id
Total quiescent drain current
170
300
mA
PO
Output power
Max. power (VS = 15.2V, square
wave input (2Vrms))
50
W
THD = 10%
THD = 1%
25
20
28
22
W
W
RL = 2Ω; EIAJ (VS = 13.7V)
RL = 2Ω; THD 10%
RL = 2Ω; THD 1%
RL = 2Ω; max power
55
40
32
60
68
50
40
75
W
W
W
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com