Electronic Components Datasheet Search
  English  ▼

X  

TDA7566 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7566
Description  4x40W multifunction quad power amplifier with built-in diagnostics features
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7566 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7566 Datasheet HTML 1Page - STMicroelectronics TDA7566 Datasheet HTML 2Page - STMicroelectronics TDA7566 Datasheet HTML 3Page - STMicroelectronics TDA7566 Datasheet HTML 4Page - STMicroelectronics TDA7566 Datasheet HTML 5Page - STMicroelectronics TDA7566 Datasheet HTML 6Page - STMicroelectronics TDA7566 Datasheet HTML 7Page - STMicroelectronics TDA7566 Datasheet HTML 8Page - STMicroelectronics TDA7566 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
December 2006
Rev 3
1/28
1
TDA7566
4x40W multifunction quad power amplifier
with built-in diagnostics features
Features
■ DMOS power output
■ High output power capability 4x25W/4Ω @
14.4V, 1KHZ, 10% THD, 4x40W max. power
■ Max. output power 4x60W/2Ω
■ Full I2C bus driving:
–St-by
– Independent front/rear soft play/mute
– Selectable gain 26dB - 12dB
–I2C bus digital diagnostics
■ Full fault protection
■ DC offset detection
■ Four independent short circuit protection
■ Clipping detector (1%/10%)
■ ESD protection
Description
The TDA7566 is a new BCD technology QUAD
BRIDGE type of car radio amplifier in Flexiwatt25
package specially intended for car radio
applications.
Thanks to the DMOS output stage the TDA7566
has a very low distortion allowing a clear powerful
sound.
This device is equipped with a full diagnostics
array that communicates the status of each
speaker through the I2C bus.
The possibility to control the configuration and
behaviour of the device by means of the I2C bus
makes TDA7566 a very flexible machine.
Order codes
Flexiwatt 25
Part number
Package
Packing
TDA7566
Flexiwatt 25
Tube
www.st.com


Similar Part No. - TDA7566

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7566 STMICROELECTRONICS-TDA7566 Datasheet
226Kb / 19P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Sep-2003
TDA7566 STMICROELECTRONICS-TDA7566 Datasheet
314Kb / 29P
4 x 40 W multifunction quad power amplifier with built-in diagnostics features
17-Sep-2013
TDA7566 STMICROELECTRONICS-TDA7566_10 Datasheet
370Kb / 29P
4 x 40 W multifunction quad power amplifier with built-in diagnostics features
11-Oct-2010
TDA7566 STMICROELECTRONICS-TDA7566_V01 Datasheet
314Kb / 29P
4 x 40 W multifunction quad power amplifier with built-in diagnostics features
17-Sep-2013
More results

Similar Description - TDA7566

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7561 STMICROELECTRONICS-TDA7561 Datasheet
232Kb / 19P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Dec-2002
TDA7562 STMICROELECTRONICS-TDA7562 Datasheet
200Kb / 17P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
May-2003
TDA7563 STMICROELECTRONICS-TDA7563 Datasheet
245Kb / 20P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
May-2003
TDA7564 STMICROELECTRONICS-TDA7564 Datasheet
248Kb / 20P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Sep-2003
TDA7566 STMICROELECTRONICS-TDA7566 Datasheet
226Kb / 19P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Sep-2003
TDA7563PD STMICROELECTRONICS-TDA7563PD Datasheet
223Kb / 21P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Apr-2004
TDA7564B STMICROELECTRONICS-TDA7564B Datasheet
505Kb / 34P
4 x 50W multifunction quad power amplifier with built-in diagnostics features
22-Jan-2007
TDA7562B STMICROELECTRONICS-TDA7562B Datasheet
454Kb / 30P
4 x 46 W multifunction quad power amplifier with built-in diagnostics features
01-Feb-2011
TDA7566 STMICROELECTRONICS-TDA7566_10 Datasheet
370Kb / 29P
4 x 40 W multifunction quad power amplifier with built-in diagnostics features
11-Oct-2010
TDA7562BEP STMICROELECTRONICS-TDA7562BEP Datasheet
635Kb / 34P
4 x 46 W multifunction quad power amplifier with built-in diagnostics features
04-Feb-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com