Electronic Components Datasheet Search
  English  ▼

X  

M54HC00 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC00
Description  RAD-HARD QUAD 2-INPUT NAND GATE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC00 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC00 Datasheet HTML 1Page - STMicroelectronics M54HC00 Datasheet HTML 2Page - STMicroelectronics M54HC00 Datasheet HTML 3Page - STMicroelectronics M54HC00 Datasheet HTML 4Page - STMicroelectronics M54HC00 Datasheet HTML 5Page - STMicroelectronics M54HC00 Datasheet HTML 6Page - STMicroelectronics M54HC00 Datasheet HTML 7Page - STMicroelectronics M54HC00 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
March 2004
s
HIGH SPEED:
tPD = 8ns (TYP.) at VCC =6V
s
LOW POWER DISSIPATION:
ICC =1µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES 00
s
SPACE GRADE-1: ESA SCC QUALIFIED
s
50 krad QUALIFIED, 100 krad AVAILABLE ON
REQUEST
s
NO SEL UNDER HIGH LET HEAVY IONS
IRRADIATION
s
DEVICE FULLY COMPLIANT WITH
SCC-9201-105
DESCRIPTION
The M54HC00is anhighspeed CMOS QUAD
2-INPUT NAND GATE fabricated with silicon gate
C2MOS technology.
The internal circuit is composed of 3 stages
including buffer output, which enables high noise
immunity and stable output.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M54HC00
RAD-HARD QUAD 2-INPUT NAND GATE
PIN CONNECTION
ORDER CODES
PACKAGE
FM
EM
DILC
M54HC00D
M54HC00D1
FPC
M54HC00K
M54HC00K1
FPC-14
DILC-14
FPC-14
DILC-14


Similar Part No. - M54HC00

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC00 STMICROELECTRONICS-M54HC00 Datasheet
234Kb / 9P
QUAD 2-INPUT NAND GATE
December 1992
M54HC00 STMICROELECTRONICS-M54HC00 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC00D STMICROELECTRONICS-M54HC00D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC00F1R STMICROELECTRONICS-M54HC00F1R Datasheet
234Kb / 9P
QUAD 2-INPUT NAND GATE
December 1992
M54HC00K STMICROELECTRONICS-M54HC00K Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
More results

Similar Description - M54HC00

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC02 STMICROELECTRONICS-M54HC02_04 Datasheet
105Kb / 8P
RAD-HARD QUAD 2-INPUT NOR GATE
Mar-2004
M54HC03 STMICROELECTRONICS-M54HC03_04 Datasheet
103Kb / 7P
RAD-HARD QUAD 2-INPUT OPEN DRAIN NAND GATE
Mar-2004
M54HC08 STMICROELECTRONICS-M54HC08_04 Datasheet
104Kb / 8P
RAD-HARD QUAD 2-INPUT AND GATE
Mar-2004
M54HC10 STMICROELECTRONICS-M54HC10_04 Datasheet
104Kb / 8P
RAD-HARD TRIPLE 3-INPUT NAND GATE
Mar-2004
M54HC20 STMICROELECTRONICS-M54HC20_04 Datasheet
104Kb / 8P
RAD-HARD DUAL 4-INPUT NAND GATE
Apr-2004
M54HC30 STMICROELECTRONICS-M54HC30_04 Datasheet
115Kb / 8P
RAD-HARD 8-INPUT NAND GATE
Apr-2004
M54HC32 STMICROELECTRONICS-M54HC32_04 Datasheet
103Kb / 7P
RAD-HARD QUAD 2-INPUT OR GATE
Apr-2004
M54HC132 STMICROELECTRONICS-M54HC132_04 Datasheet
104Kb / 7P
RAD-HARD QUAD 2-INPUT SCHMITT NAND GATE
Mar-2004
LEOAC00 STMICROELECTRONICS-LEOAC00 Datasheet
1Mb / 17P
Rad-hard plastic quad 2-input NAND gate
30-Aug-2021
RHFAHC00 STMICROELECTRONICS-RHFAHC00 Datasheet
631Kb / 15P
Rad-Hard, quad high speed NAND gate
16-Jul-2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com