Electronic Components Datasheet Search
  English  ▼

X  

TS4962 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TS4962
Description  2.8W filter-free mono class D audio power amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TS4962_07 Datasheet HTML 11Page - STMicroelectronics TS4962_07 Datasheet HTML 12Page - STMicroelectronics TS4962_07 Datasheet HTML 13Page - STMicroelectronics TS4962_07 Datasheet HTML 14Page - STMicroelectronics TS4962_07 Datasheet HTML 15Page - STMicroelectronics TS4962_07 Datasheet HTML 16Page - STMicroelectronics TS4962_07 Datasheet HTML 17Page - STMicroelectronics TS4962_07 Datasheet HTML 18Page - STMicroelectronics TS4962_07 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
TS4962
Electrical characteristics
15/46
Table 8.
Electrical characteristics at VCC = +3.0V
with GND = 0V, Vicm = 1.5V, Tamb = 25°C (unless otherwise specified)
(1)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply current
No input signal, no load
1.9
2.7
mA
ISTBY
Standby current (2)
No input signal, VSTBY = GND
10
1000
nA
Voo
Output offset voltage
No input signal, RL = 8Ω
325
mV
Pout
Output power, G=6dB
THD = 1% Max, f = 1kHz, RL = 4Ω
THD = 10% Max, f = 1kHz, RL = 4Ω
THD = 1% Max, f = 1kHz, RL = 8Ω
THD = 10% Max, f = 1kHz, RL = 8Ω
0.7
1
0.5
0.6
W
THD + N
Total harmonic distortion + noise
Pout = 300 mWRMS, G = 6dB, 20Hz < f < 20kHz
RL = 8Ω + 15µH, BW < 30kHz
Pout = 350mWRMS, G = 6dB, f = 1kHz
RL = 8Ω + 15µH, BW < 30kHz
2
0.1
%
Efficiency
Efficiency
Pout = 0.7 WRMS, RL = 4Ω +≥ 15µH
Pout = 0.45 WRMS, RL = 8Ω+≥ 15µH
78
88
%
PSRR
Power supply rejection ratio with inputs grounded (3)
f = 217Hz, RL = 8Ω, G=6dB, Vripple = 200mVpp
60
dB
CMRR
Common mode rejection ratio
f = 217Hz, RL = 8Ω, G = 6dB, ΔVic =200mVpp
54
dB
Gain
Gain value (Rin in kΩ)V/V
RSTBY
Internal resistance from standby to GND
273
300
327
k
Ω
FPWM
Pulse width modulator base frequency
200
280
360
kHz
SNR
Signal to noise ratio (A-weighting)
Pout = 0.4W, RL = 8Ω
82
dB
tWU
Wake-up time
5
10
ms
tSTBY
Standby time
5
10
ms
273k
Ω
R
in
-----------------
300k
Ω
R
in
-----------------
327k
Ω
R
in
-----------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com