Electronic Components Datasheet Search
  English  ▼

X  

AAT3603 Datasheet(PDF) 25 Page - Advanced Analogic Technologies

Part # AAT3603
Description  Total Power Solution for Portable Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3603 Datasheet(HTML) 25 Page - Advanced Analogic Technologies

Back Button AAT3603 Datasheet HTML 21Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 22Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 23Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 24Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 25Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 26Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 27Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 28Page - Advanced Analogic Technologies AAT3603 Datasheet HTML 29Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
AAT3603178
Total Power Solution for Portable Applications
PRODUCT DATASHEET
3603.2008.06.1.0
25
www .analogictech.com
Reverse Battery Leakage
The AAT3603 includes internal circuitry that eliminates
the need for series blocking diodes, reducing solution
size and cost as well as dropout voltage relative to con-
ventional battery chargers. When the input supply is
removed or when CHGIN goes below the AAT3603’s
under voltage-lockout (UVLO) voltage, or when CHGIN
drops below VBAT, the AAT3603 automatically reconfig-
ures its power switches to minimize current drain from
the battery.
Adapter Power Indicator (ADPP)
This is an open drain output which will pull low when
VCHGIN > 4.5V. When this happens the charge current will
be reset to the default ISET values or I2C programmed
values.
Charge Status Output (STAT)
The AAT3603 provides battery charging status via a sta-
tus pin. This pin is a buffered output with a supply level
up to the LDO1 output (PowerDigital). The status pin can
indicate the following conditions:
Event Description
STAT
No battery charging activity
Low (to GND)
Battery charging
High (to VOUT1)
Charging completed
Low (to GND)
Table 2: Charge Status Output (STAT).
CHGIN Bypass Capacitor Selection
CHGIN is the power input for the AAT3603 battery char-
ger. The battery charger is automatically enabled when-
ever a valid voltage is present on CHGIN. In most appli-
cations, CHGIN is connected to either a wall adapter or
USB port. Under normal operation, the input of the char-
ger will often be “hot-plugged” directly to a powered USB
or wall adapter cable, and supply voltage ringing and
overshoot may appear at the CHGIN pin. A high quality
capacitor connected from CHGIN to G, placed as close as
possible to the IC, is sufficient to absorb the energy.
Wall-adapter powered applications provide flexibility in
input capacitor selection, but the USB specification pres-
ents limitations to input capacitance selection. In order
to meet both the USB 2.0 and USB OTG (On The Go)
specifications while avoiding USB supply under-voltage
conditions resulting from the current limit slew rate
(100mA/μs) limitations of the USB bus, the CHGIN
bypass capacitance value must be between 1μF and
4.7μF. Ceramic capacitors are often preferred for bypass-
ing due to their small size and good surge current rat-
ings, but care must be taken in applications that can
encounter hot plug conditions as their very low ESR, in
combination with the inductance of the cable, can create
a high-Q filter that induces excessive ringing at the
CHGIN pin. This ringing can couple to the output and be
mistaken as loop instability, or the ringing may be large
enough to damage the input itself. Although the CHGIN
pin is designed for maximum robustness and an absolute
Constant Current Mode Charge Current
vs. ISET Resistor
(VIN = 5V; VBAT = 3.6V)
ISET Resistor (k
Ω
Ω)
0
200
400
600
800
1000
1200
1400
0.1
1
10
100
ISET Voltage vs. Battery Voltage
(CHGIN = 5.0V, RISET = 1.24k
Ω
Ω)
Battery Voltage (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
2.5
2.9
3.3
3.7
4.1
4.5
Figure 5: Constant Current Mode Charge ICH_CC Setting vs. ISET Resistor
and ISET Voltage vs. Battery Voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com